Electronic Components Datasheet Search
  English  ▼

X  

INA828 Datasheet(PDF) 19 Page - Texas Instruments

Part # INA828
Description  INA828 50-μV Offset, 7-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA828 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA828 Datasheet HTML 15Page - Texas Instruments INA828 Datasheet HTML 16Page - Texas Instruments INA828 Datasheet HTML 17Page - Texas Instruments INA828 Datasheet HTML 18Page - Texas Instruments INA828 Datasheet HTML 19Page - Texas Instruments INA828 Datasheet HTML 20Page - Texas Instruments INA828 Datasheet HTML 21Page - Texas Instruments INA828 Datasheet HTML 22Page - Texas Instruments INA828 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
-5
-4
-3
-2
-1
0
1
2
3
4
5
±6
±4
±2
0
2
4
6
Output Voltage (V)
G = 1
G = 100
C006
-20
-15
-10
-5
0
5
10
15
±20
±10
0
10
20
Output Voltage (V)
G = 1
G = 100
C006
0
1
2
3
4
5
0
1
2
3
4
5
6
Output Voltage (V)
VREF = 0 V
VREF = 2.5 V
C006
0
1
2
3
4
5
0
1
2
3
4
5
6
Output Voltage (V)
VREF = 0 V
VREF = 2.5 V
C006
19
INA828
www.ti.com
SBOS792A – AUGUST 2017 – REVISED JANUARY 2018
Product Folder Links: INA828
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Table 2. INA828 EMIRR for Frequencies of Interest
FREQUENCY
APPLICATION OR ALLOCATION
DIFFERENTIAL
EMIRR
COMMON-MODE
EMIRR
400 MHz
Mobile radio, mobile satellite, space operation, weather, radar, ultrahigh-
frequency (UHF) applications
48 dB
87 dB
900 MHz
Global system for mobile communications (GSM) applications, radio
communication, navigation, GPS (up to 1.6 GHz), GSM, aeronautical mobile,
UHF applications
52 dB
98 dB
1.8 GHz
GSM applications, mobile personal communications, broadband, satellite,
L-band (1 GHz to 2 GHz)
94 dB
51 dB
2.4 GHz
802.11b, 802.11g, 802.11n, Bluetooth®, mobile personal communications,
industrial, scientific and medical (ISM) radio band, amateur radio and satellite,
S-band (2 GHz to 4 GHz)
66 dB
57 dB
3.6 GHz
Radiolocation, aero communication and navigation, satellite, mobile, S-band
79 dB
87 dB
5 GHz
802.11a, 802.11n, aero communication and navigation, mobile communication,
space and satellite operation, C-band (4 GHz to 8 GHz)
90 dB
92 dB
7.3.3 Input Common-Mode Range
The linear input voltage range of the INA828 input circuitry extends within 2 Volts of both power supplies and
maintains excellent common-mode rejection throughout this range. The common-mode range for the most
common operating conditions are shown in Figure 55, Figure 50, and Figure 51. The common-mode range for
other operating conditions is best calculated using the INA common-mode range calculating tool. The INA828
device can operate over a wide range of power supplies and VREF configurations, thus providing a
comprehensive guide to common-mode range limits for all possible conditions is impractical.
VS = 5 V, G = 1
Figure 55. Input Common-Mode Voltage vs Output Voltage
VS = 5 V, G = 100
Figure 56. Input Common-Mode Voltage vs Output Voltage
VS = ±5 V, VREF = 0 V
Figure 57. Input Common-Mode Voltage vs Output Voltage
VS = ±15 V, VREF = 0 V
Figure 58. Input Common-Mode Voltage vs Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com