Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 18 Page - Texas Instruments

Part # INA849
Description  INA849 Ultra-Low-Noise (1 nV/√Hz), High-Bandwidth, Instrumentation Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA849 Datasheet HTML 14Page - Texas Instruments INA849 Datasheet HTML 15Page - Texas Instruments INA849 Datasheet HTML 16Page - Texas Instruments INA849 Datasheet HTML 17Page - Texas Instruments INA849 Datasheet HTML 18Page - Texas Instruments INA849 Datasheet HTML 19Page - Texas Instruments INA849 Datasheet HTML 20Page - Texas Instruments INA849 Datasheet HTML 21Page - Texas Instruments INA849 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
8.3.2 Gain Drift
The stability and temperature drift of external gain setting resistor RG also affects gain. The contribution of RG to
gain accuracy and drift is determined from Equation 1.
The best gain drift of 5 ppm/
℃ (maximum) is achieved when the INA849 uses G = 1 without RG connected. In
this case, gain drift is limited by the mismatch of the temperature coefficient of the integrated 5-kΩ resistors in
differential amplifier A3. At gains greater than 1, gain drift increases as a result of the individual drift of the 3-kΩ
resistors in the feedback of A1 and A2, relative to the drift of external gain resistor RG.
The low temperature coefficient of the internal feedback resistors improves the overall temperature stability of
applications using gains greater than 1 V/V over alternate solutions.
The low resistor values required for high gain make wiring resistance an important consideration. Sockets add
to the wiring resistance and contribute additional gain error (such as a possible unstable gain error) at gains of
approximately 100 or greater.
To maintain stability, avoid parasitic capacitance of more than a few picofarads at the RG connections. Careful
matching of any parasitics on the RG pins maintains optimal CMRR over frequency.
8.3.3 Wide Input Common-Mode Range
The linear input voltage range of the INA849 input circuitry extends within 2.5 V (maximum) of both power
supplies, and maintains excellent common-mode rejection throughout this range. The common-mode range
for the most common operating conditions are shown in Figure 8-2 and Figure 8-3. The common-mode
range for other operating conditions is best calculated using the Common-Mode Input Range Calculator for
Instrumentation Amplifiers.
VS = ±5 V, ±12 V, ±18 V
G = 1
Figure 8-2. Input Common-Mode Voltage vs Output
Voltage
VS = ±5 V, ±12 V, ±18 V
G = 100
Figure 8-3. Input Common-Mode Voltage vs Output
Voltage
8.4 Device Functional Modes
The INA849 has a single functional mode and is operational when the power-supply voltage is greater than 8 V
(±4 V). The maximum power-supply voltage for the INA849 is 36 V (±18 V).
INA849
SBOS945B – NOVEMBER 2020 – REVISED APRIL 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com