Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 20 Page - Texas Instruments

Part # INA849
Description  INA849 Ultra-Low-Noise (1 nV/√Hz), High-Bandwidth, Instrumentation Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA849 Datasheet HTML 16Page - Texas Instruments INA849 Datasheet HTML 17Page - Texas Instruments INA849 Datasheet HTML 18Page - Texas Instruments INA849 Datasheet HTML 19Page - Texas Instruments INA849 Datasheet HTML 20Page - Texas Instruments INA849 Datasheet HTML 21Page - Texas Instruments INA849 Datasheet HTML 22Page - Texas Instruments INA849 Datasheet HTML 23Page - Texas Instruments INA849 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
This imbalance results in a degraded common-mode rejection ratio (CMRR). Figure 9-2 shows how the
common-mode rejection ratio degrades depending on the source resistance on the reference pin. For best
performance, keep the dc CMRR greater than 100 dB by keeping the source impedance to the REF pin
(represented as R1) to less than 0.1 Ω.
Figure 9-2. Effect of Parasitic Resistance at the Reference Pin
Voltage-reference devices are an excellent option for providing a low-impedance voltage source for the
reference pin. However, if a resistor voltage divider generates a reference voltage, the divider must be buffered
by an op amp (as Figure 9-3 shows) to avoid CMRR degradation.
+
±
100 k
100 k
5 V
5 V
í5 V
1 …F
OUT
INA849
REF
+IN
íIN
5 V
OPA320
Figure 9-3. Using an Op Amp to Buffer Reference Voltages
INA849
SBOS945B – NOVEMBER 2020 – REVISED APRIL 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com