Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 22 Page - Texas Instruments

Part # INA849
Description  INA849 Ultra-Low-Noise (1 nV/√Hz), High-Bandwidth, Instrumentation Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA849 Datasheet HTML 18Page - Texas Instruments INA849 Datasheet HTML 19Page - Texas Instruments INA849 Datasheet HTML 20Page - Texas Instruments INA849 Datasheet HTML 21Page - Texas Instruments INA849 Datasheet HTML 22Page - Texas Instruments INA849 Datasheet HTML 23Page - Texas Instruments INA849 Datasheet HTML 24Page - Texas Instruments INA849 Datasheet HTML 25Page - Texas Instruments INA849 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
9.1.3 Thermal Effects due to Power Dissipation
The INA849 dissipates approximately 200 mW of power under quiescent conditions at a ±15-V supply voltage.
The internal resistor network and output load drive causes an additional power dissipation that depends on
the input signal. The small silicon area of the INA849 causes the internal circuitry to experience temperature
gradients that might adversely affect the electrical performance.
Precision parameters, such as offset voltage, linearity, common-mode rejection ratio, and total harmonic
distortion, can be impacted as a result of these thermal effects in the silicon. The thermal gradient particularly
affects the performance of low-frequency input signals with higher gains (> 10) and large output voltage
variation. As shown in the measurement Figure 9-5, the thermal effect can be minimized by lowering the supply
voltage, if the application permits.
Figure 9-5. Linearity vs Supply Voltage for G = 1000
INA849
SBOS945B – NOVEMBER 2020 – REVISED APRIL 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com