Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 24 Page - Texas Instruments

Part # INA849
Description  INA849 Ultra-Low-Noise (1 nV/√Hz), High-Bandwidth, Instrumentation Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA849 Datasheet HTML 20Page - Texas Instruments INA849 Datasheet HTML 21Page - Texas Instruments INA849 Datasheet HTML 22Page - Texas Instruments INA849 Datasheet HTML 23Page - Texas Instruments INA849 Datasheet HTML 24Page - Texas Instruments INA849 Datasheet HTML 25Page - Texas Instruments INA849 Datasheet HTML 26Page - Texas Instruments INA849 Datasheet HTML 27Page - Texas Instruments INA849 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
9.2.2 Phantom Power in Microphone Preamplifier Circuit
+
–
0.1 μF
0.1 μF
6.2 k
6.2 k
+VS
VS
IN+
IN
VOUT
48-V
GND
RG
RG
REF
INA849
47 µF
47 µF
47 k
3 k
3 k
GND
VS
VS
+VS
R1
R2
R3
C3
C4
R4
R5
C5
C6
R7
2 k
R6
Figure 9-7. Phantom Power in Microphone Preamplifier Circuit
Figure 9-7 shows a typical application circuit for a microphone input amplifier used to generate phantom power.
Phantom power is a technique that provides power and the audio signal using the same signal path.
R1 and R2 connected to the 48-V supply define the current path in the case when the microphone must
be powered. Therefore, C3 and C4 are used as blocking capacitors to protect the INA849. When the input
connections are shorted In a fault scenario, a large surge current discharges the dc blocking capacitor through
the Shottky diodes. For 48-V phantom power, the surge current exceeds 4 A for a short duration of time. Make
sure to use Shottky diodes that are specified for at least a 10-A surge current. Additional series resistance with
the dc blocking capacitor limits the surge current, but must be traded off because these add noise to the circuit.
One of the key criteria for high-performance microphones is to enable an optimum source impedance throughout
the audible frequency range. The exceptional ultra-low noise performance of the INA849 permits direct input
without the need for a transformer.
R4 and R5 in parallel with R1 and R2 provide the bias current path for the INA849. The input bias current
(maximum of 20 nA) provides a dc differential input voltage that reflects as an voltage error on the output. Use
the lowest possible value resistors to make sure that the thermal noise of these resistors does not dominate.
The mismatch of the input ac-coupling capacitors (C3 and C4) can reduce the common-mode rejection ratio
significantly at low frequencies. An additional resistor (R6) connected to both of the bias resistors (R4 and R5)
can mitigate this effect.
Use the TINA TI™ simulation software for a detailed analysis.
INA849
SBOS945B – NOVEMBER 2020 – REVISED APRIL 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com