Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 19 Page - Texas Instruments

Part # INA849
Description  INA849 Ultra-Low-Noise (1 nV/√Hz), High-Bandwidth, Instrumentation Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA849 Datasheet HTML 15Page - Texas Instruments INA849 Datasheet HTML 16Page - Texas Instruments INA849 Datasheet HTML 17Page - Texas Instruments INA849 Datasheet HTML 18Page - Texas Instruments INA849 Datasheet HTML 19Page - Texas Instruments INA849 Datasheet HTML 20Page - Texas Instruments INA849 Datasheet HTML 21Page - Texas Instruments INA849 Datasheet HTML 22Page - Texas Instruments INA849 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
9.1.1 Reference Pin
The output voltage of the INA849 is developed with respect to the voltage on reference pin REF.
Use the REF pin to offset the output signal to a precise midsupply level. Typically, this offset is 2.5 V in a
5-V supply environment. To accomplish this level shift, a voltage source must be connected to the REF pin to
level-shift the output so that the INA849 drives a single-supply analog-to-digital converter (ADC).
For dual-supply operation, the reference pin is typically connected to the low-impedance system ground.
The voltage source applied to the reference pin must have a low output impedance. As shown in Figure 9-1,
any resistance at the reference pin (shown as RREF) is in series with an internal 5-kΩ resistor that creates an
imbalance in the four resistors of the internal difference amplifier.
+
±
+
±
+
±
5 k
3 k
5 k
5 k
5 k
3 k
íRG
REF
+VS
íVS
OUT
+V
S
íVS
íIN
+IN
+RG
R
G
R1
C3
C2
C1
R2
Figure 9-1. Parasitic Resistance Shown at the Reference Pin
www.ti.com
INA849
SBOS945B – NOVEMBER 2020 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: INA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com