Electronic Components Datasheet Search
  English  ▼

X  

ISO1044 Datasheet(PDF) 15 Page - Texas Instruments

Part # ISO1044
Description  ISO1044 Isolated CAN FD Transceiver in Small Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1044 Datasheet(HTML) 15 Page - Texas Instruments

Back Button ISO1044 Datasheet HTML 11Page - Texas Instruments ISO1044 Datasheet HTML 12Page - Texas Instruments ISO1044 Datasheet HTML 13Page - Texas Instruments ISO1044 Datasheet HTML 14Page - Texas Instruments ISO1044 Datasheet HTML 15Page - Texas Instruments ISO1044 Datasheet HTML 16Page - Texas Instruments ISO1044 Datasheet HTML 17Page - Texas Instruments ISO1044 Datasheet HTML 18Page - Texas Instruments ISO1044 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
7 Parametric Measurement Information
0 or
Vcc 1
VI
TXD
CANH
CANL
VO(CANL ) VO(CANH)
VOD
IO(CANH)
IO(CANL)
GND2
GND1
GND1
GND2
II
VOC
VO(CANH) + VO(CANL)
2
RL
Figure 7-1. Driver Voltage, Current and Test Definitions
» 2.
5 V
» 3.5 V
»
1.5 V
Recessive
Dominant
O (CANH)
V
O (CANL)
V
Figure 7-2. Bus Logic State Voltage Definitions
VI
(SEE NOTE A)
VO
TXD
CANL
CANH
C
Vcc /2
Vcc /2
Vcc
t
f
t
r
t
PLH
t
PHL
10%
90%
0.9V
0 V
VO(D)
VO(R)
0.5V
V
I
VO
R
L
L
A. The input pulse is supplied by a generator having the following characteristics: PRR ≤ 125 kHz, 50% duty cycle, tr ≤ 6 ns, tf ≤ 6 ns, ZO =
50 Ω.
Figure 7-3. Driver Test Circuit and Voltage Waveforms
RXD
CANH
CANL
GND2
GND1
VI(CANH)
VI(CANL)
IO
VIC
VI(CANH)
=
VI(CANL)
+
2
VID
VO
Figure 7-4. Receiver Voltage and Current Definitions
www.ti.com
ISO1044
SLLSFB0A – MARCH 2020 – REVISED JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: ISO1044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com