Electronic Components Datasheet Search
  English  ▼

X  

ISO1044 Datasheet(PDF) 26 Page - Texas Instruments

Part # ISO1044
Description  ISO1044 Isolated CAN FD Transceiver in Small Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1044 Datasheet(HTML) 26 Page - Texas Instruments

Back Button ISO1044 Datasheet HTML 22Page - Texas Instruments ISO1044 Datasheet HTML 23Page - Texas Instruments ISO1044 Datasheet HTML 24Page - Texas Instruments ISO1044 Datasheet HTML 25Page - Texas Instruments ISO1044 Datasheet HTML 26Page - Texas Instruments ISO1044 Datasheet HTML 27Page - Texas Instruments ISO1044 Datasheet HTML 28Page - Texas Instruments ISO1044 Datasheet HTML 29Page - Texas Instruments ISO1044 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
11 Layout
11.1 Layout Guidelines
A minimum of four layers is required to accomplish a low EMI PCB design (see Section 11.2 Figure 11-1). Layer
stacking should be in the following order (top-to-bottom): high-speed signal layer, ground plane, power plane and
low-frequency signal layer.
• Routing the high-speed traces on the top layer avoids the use of vias (and the introduction of their
inductances) and allows for clean interconnects between the isolator and the transmitter and receiver circuits
of the data link.
• Placing a solid ground plane next to the high-speed signal layer establishes controlled impedance for
transmission line interconnects and provides an excellent low-inductance path for the return current flow.
• Placing the power plane next to the ground plane creates additional high-frequency bypass capacitance of
approximately 100 pF/in2.
• Routing the slower speed control signals on the bottom layer allows for greater flexibility as these signal links
usually have margin to tolerate discontinuities such as vias.
Suggested placement and routing of ISO1044B bypass capacitors and optional TVS diodes is shown in Figure
11-2. In particular, place the VCC2 bypass capacitors on the top layer, as close to the device pins as possible,
and complete the connection to the VCC2 and GND2 pins without using vias.
If an additional supply voltage plane or signal layer is needed, add a second power or ground plane system to
the stack to keep it symmetrical. This makes the stack mechanically stable and prevents it from warping. Also
the power and ground plane of each power system can be placed closer together, thus increasing the high-
frequency bypass capacitance significantly.
For detailed layout recommendations, refer to the Digital Isolator Design Guide.
11.1.1 PCB Material
For digital circuit boards operating at less than 150 Mbps, (or rise and fall times greater than 1 ns), and trace
lengths of up to 10 inches, use standard FR-4 UL94V-0 printed circuit board. This PCB is preferred over lower-
cost alternatives because of lower dielectric losses at high frequencies, less moisture absorption, greater
strength and stiffness, and the self-extinguishing flammability-characteristics.
11.2 Layout Example
10 mils
10 mils
40 mils
FR-4
0r ~ 4.5
Keep this space
free from planes,
traces, pads, and
vias
Ground plane
Power plane
Low-speed traces
High-speed traces
Figure 11-1. Recommended Layer Stack
ISO1044
SLLSFB0A – MARCH 2020 – REVISED JULY 2020
www.ti.com
26
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ISO1044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com