Electronic Components Datasheet Search
  English  ▼

X  

ISO1044 Datasheet(PDF) 23 Page - Texas Instruments

Part # ISO1044
Description  ISO1044 Isolated CAN FD Transceiver in Small Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1044 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ISO1044 Datasheet HTML 19Page - Texas Instruments ISO1044 Datasheet HTML 20Page - Texas Instruments ISO1044 Datasheet HTML 21Page - Texas Instruments ISO1044 Datasheet HTML 22Page - Texas Instruments ISO1044 Datasheet HTML 23Page - Texas Instruments ISO1044 Datasheet HTML 24Page - Texas Instruments ISO1044 Datasheet HTML 25Page - Texas Instruments ISO1044 Datasheet HTML 26Page - Texas Instruments ISO1044 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
The ISO1044B device can be used with other components from Texas Instruments such as a microcontroller, a
transformer driver, and a linear voltage regulator to form a fully isolated CAN interface.
9.2 Typical Application
TPS76350
1
2
4
3
7
6
5
IN
EN
GND
NC
OUT
1
3
5
4
2
TXD
VCC1
RXD
GND1
CANH
4
3
2
6
5
1
CANL
7
8
8
VCC2
MCU
RXD
TXD
VDD
DGND
Digital
Ground
ISO
Ground
SN6505
VCC
D2
D1
GND
CLK
Galvanic
Isolation Barrier
ISO1044
EN
3.3 V
GND2
3.3 V
Optional bus
protection
circuitry
100 nF
100 nF
CANH
CANL
CMC
Optional bus
protection
circuitry
Figure 9-1. Application Circuit With ISO1044 in 8-SOIC Package
ISO1044B is optimized for small solution size and meets 8 kV contact ESD (Electrostatic discharge) per IEC
61000-4-2 standalone with no external components on bus. If the application requires the usage of Common
mode choke (CMC) as shown in Figure 9-1, then use of Transient voltage suppressor (TVS) is a must to achieve
8kV IEC ESD. Test results with CMC Part number: ACT45B-101-2P-TL003 and TVS Part number: CPDT-12V
show 8 kV IEC ESD (Level 4) pass.
9.2.1 Design Requirements
Unlike an optocoupler-based solution, which requires several external components to improve performance,
provide bias, or limit current, the ISO1044B device only requires external bypass capacitors to operate.
www.ti.com
ISO1044
SLLSFB0A – MARCH 2020 – REVISED JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: ISO1044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com