Electronic Components Datasheet Search
  English  ▼

X  

ISO6720 Datasheet(PDF) 24 Page - Texas Instruments

Part # ISO6720
Description  ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6720 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ISO6720 Datasheet HTML 20Page - Texas Instruments ISO6720 Datasheet HTML 21Page - Texas Instruments ISO6720 Datasheet HTML 22Page - Texas Instruments ISO6720 Datasheet HTML 23Page - Texas Instruments ISO6720 Datasheet HTML 24Page - Texas Instruments ISO6720 Datasheet HTML 25Page - Texas Instruments ISO6720 Datasheet HTML 26Page - Texas Instruments ISO6720 Datasheet HTML 27Page - Texas Instruments ISO6720 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
Free-Air Temperature ( C)
-55
-5
45
95
125
1.35
1.375
1.4
1.425
1.45
1.475
1.5
1.525
1.55
1.575
1.6
VCC1 +
VCC1 -
VCC2 +
VCC2 -
Figure 6-13. Power Supply Undervoltage Threshold
vs Free-Air Temperature
Free-Air Temperature ( C)
-55
-5
45
95
125
8
9
10
11
12
13
14
15
tPHL at 1.8 V
tPLH at 1.8 V
tPHL at 2.5 V
tPLH at 2.5 V
tPHL at 3.3 V
tPLH at 3.3 V
tPHL at 5 V
tPLH at 5V
Figure 6-14. Propagation Delay Time vs Free-Air
Temperature
ISO6720, ISO6721, ISO6721R
SLLSFJ0F – JANUARY 2020 – REVISED FEBRUARY 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO6720 ISO6721 ISO6721R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com