Electronic Components Datasheet Search
  English  ▼

X  

ISO6720 Datasheet(PDF) 4 Page - Texas Instruments

Part # ISO6720
Description  ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6720 Datasheet(HTML) 4 Page - Texas Instruments

  ISO6720 Datasheet HTML 1Page - Texas Instruments ISO6720 Datasheet HTML 2Page - Texas Instruments ISO6720 Datasheet HTML 3Page - Texas Instruments ISO6720 Datasheet HTML 4Page - Texas Instruments ISO6720 Datasheet HTML 5Page - Texas Instruments ISO6720 Datasheet HTML 6Page - Texas Instruments ISO6720 Datasheet HTML 7Page - Texas Instruments ISO6720 Datasheet HTML 8Page - Texas Instruments ISO6720 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
5 Pin Configuration and Functions
1
VCC1
8
VCC2
2
INA
7
OUTA
3
INB
6
OUTB
4
GND1
5
GND2
Not to scale
Figure 5-1. ISO6720B D Package 8-Pin SOIC Top View
1
VCC1
8
VCC2
2
OUTA
7
INA
3
INB
6
OUTB
4
GND1
5
GND2
Not to scale
Figure 5-2. ISO6721B D Package 8-Pin SOIC Top View
1
VCC1
8
VCC2
2
INA
7
OUTA
3
OUTB
6
INB
4
GND1
5
GND2
Not to scale
Figure 5-3. ISO6721RB D Package 8-Pin SOIC Top View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
D PACKAGE
ISO6720B
ISO6721B
ISO6721RB
GND1
4
4
4
—
Ground connection for VCC1
GND2
5
5
5
—
Ground connection for VCC2
INA
2
7
2
I
Input, channel A
INB
3
3
6
I
Input, channel B
OUTA
7
2
7
O
Output, channel A
OUTB
6
6
3
O
Output, channel B
VCC1
1
1
1
—
Power supply, VCC1
VCC2
8
8
8
—
Power supply, VCC2
ISO6720, ISO6721, ISO6721R
SLLSFJ0F – JANUARY 2020 – REVISED FEBRUARY 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO6720 ISO6721 ISO6721R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com