Electronic Components Datasheet Search
  English  ▼

X  

ISO6720 Datasheet(PDF) 8 Page - Texas Instruments

Part # ISO6720
Description  ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6720 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO6720 Datasheet HTML 4Page - Texas Instruments ISO6720 Datasheet HTML 5Page - Texas Instruments ISO6720 Datasheet HTML 6Page - Texas Instruments ISO6720 Datasheet HTML 7Page - Texas Instruments ISO6720 Datasheet HTML 8Page - Texas Instruments ISO6720 Datasheet HTML 9Page - Texas Instruments ISO6720 Datasheet HTML 10Page - Texas Instruments ISO6720 Datasheet HTML 11Page - Texas Instruments ISO6720 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
6.6 Insulation Specifications
PARAMETER
TEST CONDITIONS
VALUE
UNIT
8-D
IEC 60664-1
CLR
External clearance(1)
Side 1 to side 2 distance through air
>4
mm
CPG
External creepage(1)
Side 1 to side 2 distance across package
surface
>4
mm
DTI
Distance through the insulation
Minimum internal gap (internal clearance)
>17
µm
CTI
Comparative tracking index
IEC 60112; UL 746A
>400
V
Material Group
According to IEC 60664-1
II
Overvoltage category
Rated mains voltage ≤ 150 VRMS
I-IV
Rated mains voltage ≤ 300 VRMS
I-III
DIN EN IEC 60747-17 (VDE 0884-17)(2)
VIORM
Maximum repetitive peak isolation voltage
AC voltage (bipolar)
637
VPK
VIOWM
Maximum isolation working voltage
AC voltage (sine wave); time-dependent
dielectric breakdown (TDDB) test. See Figure
9-8
450
VRMS
DC voltage
637
VDC
VIOTM
Maximum transient isolation voltage
VTEST = VIOTM , t = 60 s (qualification); VTEST
= 1.2 × VIOTM, t = 1 s (100% production)
4242
VPK
VIMP
Maximum impulse voltage(3)
Tested in air, 1.2/50-us waveform per IEC
62368-1
5000
VPK
VIOSM
Maximum surge isolation voltage(4)
VIOSM ≥ 1.3 x VIMP; Tested in oil (qualification
test),
1.2/50-μs waveform per IEC 62368-1
6500
VPK
qpd
Apparent charge(5)
Method a: After I/O safety test subgroup 2/3,
Vini = VIOTM, tini = 60 s; Vpd(m) = 1.2 × VIORM ,
tm = 10 s
≤ 5
pC
Method a: After environmental tests subgroup
1, Vini = VIOTM, tini = 60 s; Vpd(m) = 1.3 ×
VIORM , tm = 10 s
≤ 5
Method b: At routine test (100% production)
and preconditioning (type test);
Vini = 1.2 x VIOTM, tini = 1 s;
Vpd(m) = 1.5 x VIORM, tm = 1 s (method b1) or
Vpd(m) = Vini, tm = tini (method b2)
≤ 5
CIO
Barrier capacitance, input to output(6)
VIO = 0.4 × sin (2 πft), f = 1 MHz
~0.5
pF
RIO
Insulation resistance, input to output(6)
VIO = 500 V, TA = 25°C
> 1012
Ω
VIO = 500 V, 100°C ≤ TA ≤ 125°C
> 1011
VIO = 500 V at TS = 150°C
> 109
Pollution degree
2
Climatic category
40/125/21
UL 1577
VISO
Withstand isolation voltage
VTEST = VISO , t = 60 s (qualification); VTEST =
1.2 × VISO , t = 1 s (100% production)
3000
VRMS
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application.
Care should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the
isolator on the printed-circuit board do not reduce this distance. Creepage and clearance on a printed-circuit board become equal
in certain cases. Techniques such as inserting grooves, ribs, or both on a printed circuit board are used to help increase these
specifications.
(2)
ISO672x is suitable for basic electrical insulation only within the safety ratings. Compliance with the safety ratings shall be ensured by
means of suitable protective circuits.
(3)
Testing is carried out in air to determine the surge immunity of the package.
(4)
Testing is carried out in oil to determine the intrinsic surge immunity of the isolation barrier.
(5)
Apparent charge is electrical discharge caused by a partial discharge (pd).
ISO6720, ISO6721, ISO6721R
SLLSFJ0F – JANUARY 2020 – REVISED FEBRUARY 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO6720 ISO6721 ISO6721R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com