Electronic Components Datasheet Search
  English  ▼

X  

ISO6720 Datasheet(PDF) 5 Page - Texas Instruments

Part # ISO6720
Description  ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6720 Datasheet(HTML) 5 Page - Texas Instruments

  ISO6720 Datasheet HTML 1Page - Texas Instruments ISO6720 Datasheet HTML 2Page - Texas Instruments ISO6720 Datasheet HTML 3Page - Texas Instruments ISO6720 Datasheet HTML 4Page - Texas Instruments ISO6720 Datasheet HTML 5Page - Texas Instruments ISO6720 Datasheet HTML 6Page - Texas Instruments ISO6720 Datasheet HTML 7Page - Texas Instruments ISO6720 Datasheet HTML 8Page - Texas Instruments ISO6720 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
See(1)
MIN
MAX
UNIT
Supply Voltage (2)
VCC1 to GND1
-0.5
6
V
VCC2 to GND2
-0.5
6
Input/Output
Voltage
INx to GNDx
-0.5
VCCX + 0.5 (3)
V
OUTx to GNDx
-0.5
VCCX + 0.5 (3)
Output Current
Io
-15
15
mA
Temperature
Operating junction temperature, TJ
150
°C
Storage temperature, Tstg
-65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to the local ground terminal (GND1 or GND2) and are peak
voltage values
(3)
Maximum voltage must not exceed 6 V.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/
ESDA/JEDEC JS-001, all pins(1)
±6000
V
Charged device model (CDM), per
JEDEC specification JESD22-C101, all
pins(2)
±1500
Contact discharge per IEC 61000-4-2;
Isolation barrier withstand test(3) (4)
±8000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
(3)
IEC ESD strike is applied across the barrier with all pins on each side tied together creating a two-terminal device.
(4)
Testing is carried out in air or oil to determine the intrinsic contact discharge capability of the device.
www.ti.com
ISO6720, ISO6721, ISO6721R
SLLSFJ0F – JANUARY 2020 – REVISED FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: ISO6720 ISO6721 ISO6721R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com