Electronic Components Datasheet Search
  English  ▼

X  

ISO6720 Datasheet(PDF) 6 Page - Texas Instruments

Part # ISO6720
Description  ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6720 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO6720 Datasheet HTML 2Page - Texas Instruments ISO6720 Datasheet HTML 3Page - Texas Instruments ISO6720 Datasheet HTML 4Page - Texas Instruments ISO6720 Datasheet HTML 5Page - Texas Instruments ISO6720 Datasheet HTML 6Page - Texas Instruments ISO6720 Datasheet HTML 7Page - Texas Instruments ISO6720 Datasheet HTML 8Page - Texas Instruments ISO6720 Datasheet HTML 9Page - Texas Instruments ISO6720 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VCC1 (1)
Supply Voltage Side 1
VCC = 1.8 V (3)
1.71
1.89
V
VCC1 (1)
Supply Voltage Side 1
VCC = 2.5 V to 5 V (3)
2.25
5.5
V
VCC2 (1)
Supply Voltage Side 2
VCC = 1.8 V (3)
1.71
1.89
V
VCC2 (1)
Supply Voltage Side 2
VCC = 2.5 V to 5 V (3)
2.25
5.5
V
VCC
(UVLO+)
UVLO threshold when supply voltage is rising
1.53
1.71
V
VCC
(UVLO-)
UVLO threshold when supply voltage is falling
1.1
1.41
V
Vhys
(UVLO)
Supply voltage UVLO hysteresis
0.08
0.13
V
VIH
High level Input voltage
0.7 x VCCI
(2)
VCCI
V
VIL
Low level Input voltage
0
0.3 x VCCI
V
IOH
High level output current
VCCO (2) = 5 V
-4
mA
VCCO = 3.3 V
-2
mA
VCCO = 2.5 V
-1
mA
VCCO = 1.8 V
-1
mA
IOL
Low level output current
VCCO = 5 V
4
mA
VCCO = 3.3 V
2
mA
VCCO = 2.5 V
1
mA
VCCO = 1.8 V
1
mA
DR
Data Rate
0
50
Mbps
TA
Ambient temperature
-40
25
125
°C
(1)
VCC1 and VCC2 can be set independent of one another
(2)
VCCI = Input-side VCC; VCCO = Output-side VCC
(3)
The channel outputs are in undetermined state when 1.89 V < VCC1, VCC2 < 2.25 V and 1.05 V < VCC1, VCC2 < 1.71 V
ISO6720, ISO6721, ISO6721R
SLLSFJ0F – JANUARY 2020 – REVISED FEBRUARY 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO6720 ISO6721 ISO6721R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com