Electronic Components Datasheet Search
  English  ▼

X  

ISO1640BDR Datasheet(PDF) 32 Page - Texas Instruments

Part # ISO1640BDR
Description  ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1640BDR Datasheet(HTML) 32 Page - Texas Instruments

Back Button ISO1640BDR Datasheet HTML 28Page - Texas Instruments ISO1640BDR Datasheet HTML 29Page - Texas Instruments ISO1640BDR Datasheet HTML 30Page - Texas Instruments ISO1640BDR Datasheet HTML 31Page - Texas Instruments ISO1640BDR Datasheet HTML 32Page - Texas Instruments ISO1640BDR Datasheet HTML 33Page - Texas Instruments ISO1640BDR Datasheet HTML 34Page - Texas Instruments ISO1640BDR Datasheet HTML 35Page - Texas Instruments ISO1640BDR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
8.4.2 Protection Features
Features are integrated in the ISO164x to help protect the device from high current events. Enhanced ESD
protection cells are designed on the I2C bus pins to support 10 kV HBM ESD on side 1 and 14 kV HBM ESD on
side 2. The I2C bus pins on side 2 are designed to withstand an unpowered IEC-ESD strike of 8 kV, improving
robustness and system reliability in hot swap applications. In addition to the improved ESD performance, a short
circuit protection circuit is included on side 2 to protect the bus pins (SDA2 and SCL2) against strong short
circuits of 5 ohms or less to VCC2.
Thermal shutdown is integrated in the ISO164x to protect the device from high current events. If the junction
temperature of the device exceeds the thermal shutdown threshold of 190°C (typical), the device turns
off, disabling the I2C circuits and releasing the bus. The shutdown condition is cleared when the junction
temperature drops at least the thermal shutdown hysteresis temperature of 10°C (typical) below the thermal
shutdown temperature of the device.
8.4.3 GPIO Channels
The ISO1642, ISO1643 and ISO1644 intregrate unidirectional isolation channels, in addition to the bidirectional
isolated I2C lines, to support system signals. The ISO1642 includes two channels in opposing directions (1/1
configuration) and the ISO1643 include two channels in the same direction (2/0 configuration). The ISO1644
includes three GPIO channels, two in one direction and one in the opposite direction (2/1 configuration) making
it possible to use with a Serial Peripheral Interface (SPI). The conceptual block diagram of a unidirectional digital
capacitive isolator channel is shown in Figure 8-3.
TX IN
Oscillator
OOK
Modulation
Transmitter
Emissions
Reduction
Techniques
TX Signal
Conditioning
Envelope
Detection
RX Signal
Conditioning
Receiver
RX OUT
SiO2 based
Capacitive
Isolation
Barrier
Figure 8-3. Conceptual Block Diagram of the GPIO Channels
8.5 Isolator Functional Principle
To isolate a bidirectional signal path (SDA or SCL), the ISO1640 internally splits a bidirectional line into two
unidirectional signal lines, each of which is isolated through a single-channel digital isolator. Each channel output
is made open-drain to comply with the open-drain technology of I2C. Side 1 of the ISO1640 connects to a
low-capacitance I2C node (up to 80 pF), while side 2 is designed for connecting to a fully loaded I2C bus with up
to 400 pF of capacitance.
ISO1640, ISO1641, ISO1642, ISO1643, ISO1644
SLLSFC2D – DECEMBER 2020 – REVISED SEPTEMBER 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ISO1640 ISO1641 ISO1642 ISO1643 ISO1644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com