Electronic Components Datasheet Search
  English  ▼

X  

ISO1640BDR Datasheet(PDF) 35 Page - Texas Instruments

Part # ISO1640BDR
Description  ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1640BDR Datasheet(HTML) 35 Page - Texas Instruments

Back Button ISO1640BDR Datasheet HTML 31Page - Texas Instruments ISO1640BDR Datasheet HTML 32Page - Texas Instruments ISO1640BDR Datasheet HTML 33Page - Texas Instruments ISO1640BDR Datasheet HTML 34Page - Texas Instruments ISO1640BDR Datasheet HTML 35Page - Texas Instruments ISO1640BDR Datasheet HTML 36Page - Texas Instruments ISO1640BDR Datasheet HTML 37Page - Texas Instruments ISO1640BDR Datasheet HTML 38Page - Texas Instruments ISO1640BDR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
9.1.1 I2C Bus Overview
The inter-integrated circuit (I2C) bus is a single-ended, multi-master, 2-wire bus for efficient inter-IC
communication in half-duplex mode.
I2C uses open-drain technology, requiring two lines, serial data (SDA) and serial clock (SCL), to be connected
to VDD by resistors (see Figure 9-1). Pulling the line to ground is considered a logic zero while letting the line
float is a logic one. This logic is used as a channel access method. Transitions of logic states must occur while
the SCL pin is low. Transitions while the SCL pin is high indicate START and STOP conditions. Typical supply
voltages are 3.3 V and 5 V, although systems with higher or lower voltages are allowed.
SDA
SCL
VDD
RPU
RPU
RPU
RPU
RPU
RPU
RPU
RPU
C
Master
C
Slave
GND
GND
GND
SDA
SCL
GND
SDA
SCL
SDA
SCL
SDA
SCL
DAC
Slave
ADC
Slave
Figure 9-1. Example I2C Bus
I2C communication uses a 7-bit address space with 16 reserved addresses, so a theoretical maximum of 112
nodes can communicate on the same bus. In practice, however, the number of nodes is limited by the specified,
total bus capacitance of 400 pF, which also restricts communication distances to a few meters.
The specified signaling rates for the ISO164x devices are 100 kbps (standard mode), 400 kbps (fast mode), 1.7
Mbps (fast mode plus).
The bus has two roles for nodes: master and slave. A master node issues the clock and slave addresses,
and also initiates and ends data transactions. A slave node receives the clock and addresses and responds to
requests from the master. Figure 9-2 shows a typical data transfer between master and slave.
www.ti.com
ISO1640, ISO1641, ISO1642, ISO1643, ISO1644
SLLSFC2D – DECEMBER 2020 – REVISED SEPTEMBER 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: ISO1640 ISO1641 ISO1642 ISO1643 ISO1644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com