Electronic Components Datasheet Search
  English  ▼

X  

ISO1640BDR Datasheet(PDF) 1 Page - Texas Instruments

Part # ISO1640BDR
Description  ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1640BDR Datasheet(HTML) 1 Page - Texas Instruments

  ISO1640BDR Datasheet HTML 1Page - Texas Instruments ISO1640BDR Datasheet HTML 2Page - Texas Instruments ISO1640BDR Datasheet HTML 3Page - Texas Instruments ISO1640BDR Datasheet HTML 4Page - Texas Instruments ISO1640BDR Datasheet HTML 5Page - Texas Instruments ISO1640BDR Datasheet HTML 6Page - Texas Instruments ISO1640BDR Datasheet HTML 7Page - Texas Instruments ISO1640BDR Datasheet HTML 8Page - Texas Instruments ISO1640BDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
1 Features
• Robust Isolated Bidirectional, I2C Compatible,
Communication
– ISO1640: Bidirectional SDA and SCL
communication
– ISO1641: Bidirectional SDA and unidirectional
SCL communication
– ISO1642/3/4: Bidirectional SDA and SCL
communication with either 2 or 3 unidirectional
GPIO channels
– Hot-Swappable SDA and SCL
• Bidirectional data transfer up to 1.7 MHz Operation
• Up to 3 additional unidirectional isolated GPIO
channels supporting 50 Mbps speed
• Robust isolation barrier with enhanced EMC:
– >100-year projected lifetime at 450 VRMS
working voltage (D-8) and 1500 VRMS working
voltage (DW-16)
– Up to 5000 VRMS isolation rating per UL1577
– Up to 10 kV reinforced surge capability
– ±100 kV/μs typical CMTI
– ±8 kV IEC-ESD 61000-4-2 contact discharge
protection across isolation barrier
– Same side ±8 kV IEC-ESD unpowered contact
discharge on SCL2 and SDA2 (Side 2)
• Supply range: 3 V to 5.5 V (Side 1) and 2.25 V to
5.5 V (Side 2)
• Open-drain outputs with 3.5-mA (Side 1) and 50-
mA (Side 2) current-sink capability
• Max capacitive load: 80 pF (Side 1) and 400 pF
(Side 2)
• 16-SOIC (DW-16) and 8-SOIC (D-8) Package
Options
• –40°C to +125°C Operating Temperature
• Safety-Related Certifications (planned):
– UL 1577 Component Recognition Program
– DIN VDE V 0884-11
– IEC 62368-1, IEC 61010-1, IEC 60601-1 and
GB4943.1-2011 certifications
2 Applications
• Isolated I2C Buses
• Isolated I2C and SPI Buses
• SMBus and PMBus Interfaces
• Power Over Ethernet (PoE)
• Motor Control Systems
• Battery Management
.
3 Description
The ISO1640, ISO1641, ISO1642, ISO1643 and
ISO1644 (ISO164x) devices are hot swappable, low-
power, bidirectional isolators that are compatible
with I2C interfaces. The ISO164x supports UL 1577
isolation ratings of 5000 VRMS in the 16-DW package,
and 3000 VRMS in the 8-D package. Each I2C
isolation channel in this low emissions device has
a logic input and open drain output separated by
a double capacitive silicon dioxide (SiO2) insulation
barrier. The ISO1642 and ISO1643 intregrates 2
unidirectional CMOS isolation channels, while the
ISO1644 intregrates 3 unidirectional CMOS isolation
channels which can be used for static GPIO isolation
or to isolate a Serial Peripheral Interface (SPI) bus.
This family includes basic and reinforced insulation
devices certified by VDE, UL, CSA, TUV and CQC.
The ISO1640/2/3/4 have two isolated bidirectional
channels for clock and data lines and the ISO1641
has a bidirectional data and a unidirectional clock
channel. The ISO164x family integrates logic required
to support bidirectional channels, providing a much
simpler design and smaller footprint when compared
to optocoupler-based solutions.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ISO1640BD
ISO1641BD
SOIC (8)
4.90 mm × 3.91 mm
ISO1640DW
ISO1641DW
ISO1642DW
ISO1643DW
ISO1644DW
SOIC (16)
10.30 mm × 7.50 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Isolation Options
PART NUMBER
ISO164xBD
ISO164xDW
Protection Level
Basic
Reinforced
Surge Test Voltage
6500 VPK
10000 VPK
Isolation Rating
3000 VRMS
5000 VRMS
Working Voltage
450 VRMS / 637
VPK
1500 VRMS / 2121
VPK
ISO1640, ISO1641, ISO1642, ISO1643, ISO1644
SLLSFC2D – DECEMBER 2020 – REVISED SEPTEMBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO1640BDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1640BDR TI-ISO1640BDR Datasheet
978Kb / 28P
ISO164x Robust-EMC Bidirectional I2C Digital Isolators
ISO1640BDR TI-ISO1640BDR Datasheet
2Mb / 45P
ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
ISO1640BDR TI-ISO1640BDR Datasheet
2Mb / 46P
ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
ISO1640BDR TI-ISO1640BDR Datasheet
3Mb / 55P
ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
REVISED SEPTEMBER 2021
More results

Similar Description - ISO1640BDR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4310-1 LINER-LTC4310-1 Datasheet
913Kb / 20P
Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1_15 Datasheet
240Kb / 20P
Hot-Swappable I2C Isolators
LTC4310-2 LINER-LTC4310-2_15 Datasheet
240Kb / 20P
Hot-Swappable I2C Isolators
logo
Texas Instruments
ISO1640 TI-ISO1640 Datasheet
978Kb / 28P
ISO164x Robust-EMC Bidirectional I2C Digital Isolators
ISO1640-Q1 TI-ISO1640-Q1 Datasheet
1,001Kb / 28P
ISO164x-Q1 Robust-EMC Bidirectional I2C Digital Isolators
ISO1640 TI-ISO1640_V01 Datasheet
2Mb / 45P
ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
ISO1640 TI-ISO1640_V02 Datasheet
2Mb / 46P
ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
ISO1640-Q1 TI-ISO1640-Q1_V01 Datasheet
1Mb / 29P
ISO164x-Q1 Robust-EMC Bidirectional I2C Digital Isolators
SLLSFC3 ??OCTOBER 2020
ISO1640 TI-ISO1640_V03 Datasheet
3Mb / 55P
ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
REVISED SEPTEMBER 2021
ISO1640-Q1 TI-ISO1640-Q1_V02 Datasheet
2Mb / 45P
ISO164x-Q1 Automotive, Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com