Electronic Components Datasheet Search
  English  ▼

X  

ISO1640BDR Datasheet(PDF) 39 Page - Texas Instruments

Part # ISO1640BDR
Description  ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1640BDR Datasheet(HTML) 39 Page - Texas Instruments

Back Button ISO1640BDR Datasheet HTML 35Page - Texas Instruments ISO1640BDR Datasheet HTML 36Page - Texas Instruments ISO1640BDR Datasheet HTML 37Page - Texas Instruments ISO1640BDR Datasheet HTML 38Page - Texas Instruments ISO1640BDR Datasheet HTML 39Page - Texas Instruments ISO1640BDR Datasheet HTML 40Page - Texas Instruments ISO1640BDR Datasheet HTML 41Page - Texas Instruments ISO1640BDR Datasheet HTML 42Page - Texas Instruments ISO1640BDR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
The power-supply capacitor with a value of 0.1-µF must be placed as close to the power supply pins as possible.
The recommended placement of the capacitors must be 2-mm maximum from input and output power supply
pins (VCC1 and VCC2).
The minimum pullup resistors on the input lines, SDA1 and SCL1 to VCC1 must be selected in such a way that
input current drawn is ≤ 3.5 mA. The minimum pullup resistors on the input lines, SDA2 and SCL2, to VCC2
must be selected in such a way that output current drawn is ≤ 50 mA. The maximum pullup resistors on the
bus lines (SDA1 and SCL1) to VCC1 and on bus lines (SDA2 and SCL2) to VCC2, depends on the load and
rise time requirements on the respective lines to comply with I2C protocols. For more information, see I2C Bus
Pullup Resistor Calculation.
The output waveforms for SDA1 and SCL1 are captured on the oscilloscope focusing on the low VOL1 voltage
offset offered with the ISO164x. This voltage offset is due to the output low level on side 1 designed to prevent a
latch-up state mentioned in Section 8.5.
1
ISO164 0
SDA2
SCL2
SCL1
GND2
GND1
VCC2
VCC1
SDA1
4
Side 1
Side 2
2 mm
maximu m
2 mm
maximu m
8
7
6
5
2
3
1
3.3 k
3.3 k
0.01 …F
0.01 …F
0.01 …F
0.01 …F
3.3 k
3.3 k
3.3 k
3.3 k
3.3 k
3.3 k
Figure 9-6. Typical ISO1640 Circuit Hookup
1
ISO164 1
SDA2
SCL2
SCL1
GND2
GND1
VCC2
VCC1
SDA1
4
Side 1
Side 2
2 mm
maximu m
2 mm
maximu m
8
7
6
5
2
3
1
3.3 k
3.3 k
0.01 …F
0.01 …F
0.01 …F
0.01 …F
3.3 k
3.3 k
3.3 k
3.3 k
3.3 k
3.3 k
Figure 9-7. Typical ISO1641 Circuit Hookup
www.ti.com
ISO1640, ISO1641, ISO1642, ISO1643, ISO1644
SLLSFC2D – DECEMBER 2020 – REVISED SEPTEMBER 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: ISO1640 ISO1641 ISO1642 ISO1643 ISO1644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com