Electronic Components Datasheet Search
  English  ▼

X  

ISO1640BDR Datasheet(PDF) 9 Page - Texas Instruments

Part # ISO1640BDR
Description  ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1640BDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO1640BDR Datasheet HTML 5Page - Texas Instruments ISO1640BDR Datasheet HTML 6Page - Texas Instruments ISO1640BDR Datasheet HTML 7Page - Texas Instruments ISO1640BDR Datasheet HTML 8Page - Texas Instruments ISO1640BDR Datasheet HTML 9Page - Texas Instruments ISO1640BDR Datasheet HTML 10Page - Texas Instruments ISO1640BDR Datasheet HTML 11Page - Texas Instruments ISO1640BDR Datasheet HTML 12Page - Texas Instruments ISO1640BDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
MIN
NOM
MAX
UNIT
VSDA2,
VSCL2
I2C Input and output signal voltages, Side 2
0
VCC2
V
VIL1
I2C Low-level input voltage, Side 1
0
480
mV
VIH1
I2C High-level input voltage, Side 1
0.7 × VCC1
VCC1
V
VIL2
I2C Low-level input voltage, Side 2
0
0.3 × VCC2
V
VIH2
I2C High-level input voltage, Side 2
0.5 × VCC2
VCC2
V
IOL1
I2C Output current, Side 1
0.5
3.5
mA
IOL2
I2C Output current, Side 2
0.5
50
mA
C1
Capacitive load, Side 1
80
pF
C2
Capacitive load, Side 2
400
pF
fMAX
I2C Operating frequency(1)
1.7
MHz
VILIO
Low-level input voltage, GPIO pins (ISO1642/3/4 only)
0
0.3 × VCC2
V
VIHIO
High-level input voltage, GPIO pins (ISO1642/3/4 only)
0.7 × VCC1
VCC1
V
IOHIO
GPIO High-level output current, VCCO = 5 V (ISO1642/3/4
only)
-4
mA
GPIO High-level output current, VCCO = 3.3 V (ISO1642/3/4
only)
-2
mA
GPIO High-level output current, VCCO = 2.5 V (ISO1642/3/4
only)
-1
mA
IOLIO
GPIO Low-level output current, VCCO = 5 V (ISO1642/3/4
only)
4
mA
GPIO Low-level output current, VCCO = 3.3 V (ISO1642/3/4
only)
2
mA
GPIO Low-level output current, VCCO = 2.5 V (ISO1642/3/4
only)
1
mA
fDR
GPIO maximum data rate frequency (ISO1642/3/4 only)
50
Mbps
TA
Ambient temperature
–40
25
125
°C
(1)
Maximum frequency is a function of the RC time constant on the bus. If the system has less bus capacitance, then higher frequencies
can be achieved.
6.4 Thermal Information
THERMAL METRIC(1)
ISO1640/1
ISO1642/3/
4
UNIT
D (SOIC)
DW (SOIC) DW (SOIC)
8 PINS
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
106.3
62.4
58.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
38.5
29.5
25.5
°C/W
RθJB
Junction-to-board thermal resistance
52.5
33.5
29.7
°C/W
ψJT
Junction-to-top characterization parameter
8.2
11.7
8.9
°C/W
ψJB
Junction-to-board characterization parameter
51.8
32.4
28.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
-
-
-
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
www.ti.com
ISO1640, ISO1641, ISO1642, ISO1643, ISO1644
SLLSFC2D – DECEMBER 2020 – REVISED SEPTEMBER 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: ISO1640 ISO1641 ISO1642 ISO1643 ISO1644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com