Electronic Components Datasheet Search
  English  ▼

X  

DDC112 Datasheet(PDF) 2 Page - Texas Instruments

Part # DDC112
Description  Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DDC112 Datasheet(HTML) 2 Page - Texas Instruments

  DDC112 Datasheet HTML 1Page - Texas Instruments DDC112 Datasheet HTML 2Page - Texas Instruments DDC112 Datasheet HTML 3Page - Texas Instruments DDC112 Datasheet HTML 4Page - Texas Instruments DDC112 Datasheet HTML 5Page - Texas Instruments DDC112 Datasheet HTML 6Page - Texas Instruments DDC112 Datasheet HTML 7Page - Texas Instruments DDC112 Datasheet HTML 8Page - Texas Instruments DDC112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
DDC112
2
SBAS085B
www.ti.com
AVDD to DVDD ....................................................................... –0.3V to +6V
AVDD to AGND ..................................................................... –0.3V to +6V
DVDD to DGND ..................................................................... –0.3V to +6V
AGND to DGND ...............................................................................
±0.3V
VREF Voltage to AGND ........................................... –0.3V to AVDD + 0.3V
Digital Input Voltage to DGND .............................. –0.3V to DVDD + 0.3V
Digital Output Voltage to DGND ........................... –0.3V to DVDD + 0.3V
Package Power Dissipation ............................................. (TJMAX – TA)/θJA
Maximum Junction Temperature (TJMAX) ...................................... +150°C
Thermal Resistance, SO,
θ
JA .................................................... +150°C/W
Thermal Resistance, TQFP,
θ
JA ................................................ +100°C/W
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above those listed under
Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
PACKAGE/ORDERING INFORMATION(1)
MAXIMUM
SPECIFICATION
INTEGRAL
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
LINEARITY ERROR
RANGE
PACKAGE-LEAD
DESIGNATOR
NUMBER(2)
MEDIA
DDC112U
±0.025% Reading ±1.0ppm FSR
–40
°C to +85°C
SO-28
DW
DDC112U
Rails
""
"
"
"
DDC112U/1K
Tape and Reel
DDC112UK
±0.025% Reading ±1.0ppm FSR
0
°C to +70°C
SO-28
DW
DDC112UK
Rails
""
"
"
"
DDC112UK/1K
Tape and Reel
DDC112Y
±0.025% Reading ±1.0ppm FSR
–40
°C to +85°C
TQFP-32
PJT
DDC112Y/250
Tape and Reel
""
"
"
"
DDC112Y/2K
Tape and Reel
DDC112YK
±0.025% Reading ±1.0ppm FSR
0
°C to +70°C
TQFP-32
PJT
DDC112YK/250
Tape and Reel
""
"
"
"
DDC112YK/2K
Tape and Reel
NOTES: (1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet. (2) Models with a slash
(/) are available only in Tape and Reel in the quantities indicated (/1K indicates 1000 devices per reel). Ordering 1000 pieces of
DDC112U/1K will get a single 1000-
piece Tape and Reel.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com