Electronic Components Datasheet Search
  English  ▼

X  

DDC112 Datasheet(PDF) 7 Page - Texas Instruments

Part # DDC112
Description  Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DDC112 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DDC112 Datasheet HTML 3Page - Texas Instruments DDC112 Datasheet HTML 4Page - Texas Instruments DDC112 Datasheet HTML 5Page - Texas Instruments DDC112 Datasheet HTML 6Page - Texas Instruments DDC112 Datasheet HTML 7Page - Texas Instruments DDC112 Datasheet HTML 8Page - Texas Instruments DDC112 Datasheet HTML 9Page - Texas Instruments DDC112 Datasheet HTML 10Page - Texas Instruments DDC112 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
DDC112
7
SBAS085B
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, characterization done with Range 5 (250pC), TINT = 500µs, VREF = +4.096, AVDD = DVDD = +5V, and CLK = 10MHz, unless otherwise noted.
600
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
0
100
25
75
50
Frequency (KHz)
0
100
200
300
400
500
INPUT V
OS vs RANGE
36
35
34
33
32
31
30
12
3
4
5
6
7
Range
DIGITAL SUPPLY CURRENT vs TEMPERATURE
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–40
–15
10
35
60
85
Temperature (°C)
ANALOG SUPPLY CURRENT vs TEMPERATURE
18
16
14
12
10
8
6
4
2
0
–40
–15
10
35
60
85
Temperature (°C)
OFFSET DRIFT vs TEMPERATURE
25
35
45
55
65
75
85
Temperature (
°C)
100
50
0
–50
–100
All Ranges
CROSSTALK vs FREQUENCY
0
–20
–40
–60
–80
–100
–120
–140
0
100
200
300
400
500
Frequency (Hz)
Separation Measured
Between Inputs 1 and 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com