Electronic Components Datasheet Search
  English  ▼

X  

INA146 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA146
Description  INA146 High-voltage, Programmable Gain Difference Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA146 Datasheet(HTML) 5 Page - Texas Instruments

  INA146 Datasheet HTML 1Page - Texas Instruments INA146 Datasheet HTML 2Page - Texas Instruments INA146 Datasheet HTML 3Page - Texas Instruments INA146 Datasheet HTML 4Page - Texas Instruments INA146 Datasheet HTML 5Page - Texas Instruments INA146 Datasheet HTML 6Page - Texas Instruments INA146 Datasheet HTML 7Page - Texas Instruments INA146 Datasheet HTML 8Page - Texas Instruments INA146 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5.5 Electrical Characteristics VS = ±2.25 V to ±18 V
at TA = 25°C, VS = ±2.25 V to ±18 V, RL = 10 kΩ, VREF = 0 V, VCM = VS / 2, and G = 0.1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VOS
Offset voltage, VO
RTI, VS = ±15 V, VCM = 0 V
±1
±5
mV
Offset voltage, VO1
RTI
±1
mV
Offset voltage drift
RTI, TA = –40℃ to 85℃
±10
µV/°C
PSRR
Power-supply rejection
ratio
RTI, VS = ±1.35 V to ±18 V
±100
±600
µV/V
VCM
Common-mode voltage (1) VS = ±15 V, VIN = 0 V
–100
100
V
CMRR
Common-mode voltage
rejection
RTI, 11 (–VS) < VCM < 11 (VS -1) , RS = 0 Ω
70
80
dB
TA = –40℃ to 85℃
64
74
Differential input
impedance
Non-inverting input
110
kΩ
Inverting input
91.7
Common-mode input
impedance
55
kΩ
BIAS CURRENT
IB
Bias Current
VCM = VS / 2
±50
nA
IOS
Offset Current
±5
nA
NOISE
eN
Voltage noise
RTI, fB = 0.1 Hz to 10 Hz
12
µVPP
RTI, f = 1 kHz
550
nV/√Hz
GAIN
Gain
0.1
100
V/V
GE
Gain error
VO = (V–) + 0.15 V to (V+) – 1 V, RL = 100 kΩ, G = 1
±0.025
±0.1
%
VO = (V–) + 0.3 V to (V+) – 1.25 V, RL = 10 kΩ, G = 1
±0.025
±0.1
Gain error drift(2)
TA = –40°C to 85°C
VO = (V–) + 0.25 V to (V+) –
1 V, RL = 100 kΩ, G = 1
±1
±10
ppm/°C
VO = (V–) + 0.5 V to (V+) –
1.25 V, RL = 10 kΩ, G = 1
±1
±10
Gain nonlinearity
VO = (V–) + 0.3 V to (V+) – 1.25 V, G = 1
±0.001
±0.01 % of FSR
OUTPUT
Output voltage
RL = 100 kΩ, G = 1
(V–) +
0.15
(V+) – 1
V
TA = –40℃ to 85℃
(V–) +
0.25
(V+) – 1
RL = 10 kΩ, G = 1
(V–) + 0.3
(V+) – 1.25
TA = –40℃ to 85℃
(V–) + 0.5
(V+) – 1.25
CL
Load capacitance
Stable operation
1
nF
ISC
Short-circuit current
Continuous to VS / 2
±15
mA
FREQUENCY RESPONSE
BW
Bandwidth, –3 dB
G = 0.1
550
kHz
G = 1
50
SR
Slew rate
0.3
V/µs
tS
Settling time
To 0.1%,
VO = 10 V-step
40
µs
To 0.01%
VO = 10 V-step
80
Overload recovery
50% input overload
40
µs
POWER SUPPLY
IQ
Quiescent current
VIN = 0 V
±570
±700
µA
TA = –40℃ to 85℃
±750
(1)
Input common-mode voltage varies with output voltage; see Typical Characteristics.
(2)
Specified by wafer test.
www.ti.com
INA146
SBOS109A – SEPTEMBER 1999 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: INA146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com