Electronic Components Datasheet Search
  English  ▼

X  

INA146 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA146
Description  INA146 High-voltage, Programmable Gain Difference Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA146 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA146 Datasheet HTML 3Page - Texas Instruments INA146 Datasheet HTML 4Page - Texas Instruments INA146 Datasheet HTML 5Page - Texas Instruments INA146 Datasheet HTML 6Page - Texas Instruments INA146 Datasheet HTML 7Page - Texas Instruments INA146 Datasheet HTML 8Page - Texas Instruments INA146 Datasheet HTML 9Page - Texas Instruments INA146 Datasheet HTML 10Page - Texas Instruments INA146 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
5.7 Amplifier A1, A2 Performance
at TA = 25°C, RL = 10 kΩ, VREF = 0 V, VCM = VS / 2, and G = 0.1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VOS
Offset voltage, VO
RTI, VS = ±15 V, VCM = VO = 0 V
±0.5
mV
Offset voltage drift
RTI, TA = –40℃ to 85℃
±1
µV/°C
VCM
Common-mode voltage (1) VIN = VO = 0 V
VS– to (VS+) –1
V
CMRR
Common-mode voltage
rejection
VCM = VS– to (VS+) –1
90
dB
GAIN
AOL
Open Loop Gain
110
dB
BIAS CURRENT
IB
Bias Current
±50
nA
IOS
Offset Current
±5
nA
OUTPUT
Resistor at VO1
Initial
10
kΩ
Error at VO1
±1
%
Error drift at VO1
±100
ppm/
℃
(1)
Input common-mode voltage varies with output voltage; see Typical Characteristics.
www.ti.com
INA146
SBOS109A – SEPTEMBER 1999 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: INA146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com