Electronic Components Datasheet Search
  English  ▼

X  

INA146 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA146
Description  INA146 High-voltage, Programmable Gain Difference Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA146 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA146 Datasheet HTML 4Page - Texas Instruments INA146 Datasheet HTML 5Page - Texas Instruments INA146 Datasheet HTML 6Page - Texas Instruments INA146 Datasheet HTML 7Page - Texas Instruments INA146 Datasheet HTML 8Page - Texas Instruments INA146 Datasheet HTML 9Page - Texas Instruments INA146 Datasheet HTML 10Page - Texas Instruments INA146 Datasheet HTML 11Page - Texas Instruments INA146 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
5.8 Typical Performance Curves
At TA = 25°C, VS = ±15 V, G = 0.1, RL = 10 kΩ connected to ground and Ref pin connected to ground, unless
otherwise noted.
Figure 5-1. Gain vs Frequency
Figure 5-2. Gain vs Frequency
Figure 5-3. Common-mode Rejection vs Frequency
Figure 5-4. Power Supply Rejection vs Frequency
Figure 5-5. Input Voltage Noise Density
Time (s/div)
0
1
2
3
4
5
6
7
8
9
10
11
12
-7.5
-5
-2.5
0
2.5
5
7.5
Figure 5-6. 0.1-Hz to 10-Hz Voltage Noise (Rti)
INA146
SBOS109A – SEPTEMBER 1999 – REVISED NOVEMBER 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com