Electronic Components Datasheet Search
  English  ▼

X  

INA180 Datasheet(PDF) 20 Page - Texas Instruments

Part # INA180
Description  INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA180 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA180 Datasheet HTML 16Page - Texas Instruments INA180 Datasheet HTML 17Page - Texas Instruments INA180 Datasheet HTML 18Page - Texas Instruments INA180 Datasheet HTML 19Page - Texas Instruments INA180 Datasheet HTML 20Page - Texas Instruments INA180 Datasheet HTML 21Page - Texas Instruments INA180 Datasheet HTML 22Page - Texas Instruments INA180 Datasheet HTML 23Page - Texas Instruments INA180 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
the shunt resistor or use a lower-gain version with the chosen sense resistor to avoid this mode of operation.
If a differential overload occurs in a fault event, then the output of the INAx180 return to the expected value
approximately 20 µs after the fault condition is removed.
When the INAx180 output is driven to either the supply rail or ground, increasing the differential input voltage
does not damage the device as long as the absolute maximum ratings are not violated. Following these
guidelines, the INAx180 output maintains polarity, and does not suffer from phase reversal.
8.4.3 Shutdown Mode
Although the INAx180 do not have a shutdown pin, the low power consumption of the device allows the output
of a logic gate or transistor switch to power the INAx180. This gate or switch turns on and off the INAx180
power-supply quiescent current.
However, in current shunt monitoring applications, there is also a concern for how much current is drained
from the shunt circuit in shutdown conditions. Evaluating this current drain involves considering the simplified
schematic of the INAx180 in shutdown mode, as shown in Figure 8-6.
CBYPASS
0.1 µF
VS
2.7 V to 5.5 V
Shutdown
RPULL-UP
10 k
Single-Channel
TI Device
RSENSE
GND
VS
Load
IN±
IN+
OUT
+
±
Bus Voltage
±0.2 V to +26 V
RSENSE
Load
Output
Figure 8-6. Basic Circuit to Shut Down the INxA180
There is typically more than 500 kΩ of impedance (from the combination of 500-kΩ feedback and
input gain set resistors) from each input of the INAx180 to the OUT pin and to the GND pin. The amount of
current flowing through these pins depends on the voltage at the connection.
Regarding the 500-kΩ path to the output pin, the output stage of a disabled INAx180 does constitute a good path
to ground. Consequently, this current is directly proportional to a shunt common-mode voltage present across a
500-kΩ resistor.
As a final note, as long as the shunt common-mode voltage is greater than VS when the device is powered up,
there is an additional and well-matched 55-µA typical current that flows in each of the inputs. If less than VS, the
common-mode input currents are negligible, and the only current effects are the result of the 500-kΩ resistors.
INA180, INA2180, INA4180
SBOS741H – APRIL 2017 – REVISED JULY 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA180 INA2180 INA4180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com