Electronic Components Datasheet Search
  English  ▼

X  

INA180 Datasheet(PDF) 22 Page - Texas Instruments

Part # INA180
Description  INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA180 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA180 Datasheet HTML 18Page - Texas Instruments INA180 Datasheet HTML 19Page - Texas Instruments INA180 Datasheet HTML 20Page - Texas Instruments INA180 Datasheet HTML 21Page - Texas Instruments INA180 Datasheet HTML 22Page - Texas Instruments INA180 Datasheet HTML 23Page - Texas Instruments INA180 Datasheet HTML 24Page - Texas Instruments INA180 Datasheet HTML 25Page - Texas Instruments INA180 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
9.1.2 RSENSE and Device Gain Selection
The accuracy of the INAx180 is maximized by choosing the current-sense resistor to be as large as possible.
A large sense resistor maximizes the differential input signal for a given amount of current flow and reduces
the error contribution of the offset voltage. However, there are practical limits as to how large the current-sense
resistor can be in a given application. The INAx180 have a typical input bias currents of 80 µA for each input
when operated at a 12-V common-mode voltage input. When large current-sense resistors are used, these
bias currents cause increased offset error and reduced common-mode rejection. Therefore, using current-sense
resistors larger than a few ohms is generally not recommended for applications that require current-monitoring
accuracy. A second common restriction on the value of the current-sense resistor is the maximum allowable
power dissipation that is budgeted for the resistor. Equation 1 gives the maximum value for the current sense
resistor for a given power dissipation budget:
MAX
SENSE
2
MAX
PD
R
I
(1)
where:
• PDMAX is the maximum allowable power dissipation in RSENSE.
• IMAX is the maximum current that will flow through RSENSE.
An additional limitation on the size of the current-sense resistor and device gain is due to the power-supply
voltage, VS, and device swing to rail limitations. In order to make sure that the current-sense signal is properly
passed to the output, both positive and negative output swing limitations must be examined. Equation 2 provides
the maximum values of RSENSE and GAIN to keep the device from hitting the positive swing limitation.
MAX
SENSE
SP
I
R
GAIN
V
u
u
(2)
where:
• IMAX is the maximum current that will flow through RSENSE.
• GAIN is the gain of the current sense-amplifier.
• VSP is the positive output swing as specified in the data sheet.
To avoid positive output swing limitations when selecting the value of RSENSE, there is always a trade-off
between the value of the sense resistor and the gain of the device under consideration. If the sense resistor
selected for the maximum power dissipation is too large, then it is possible to select a lower-gain device in order
to avoid positive swing limitations.
The negative swing limitation places a limit on how small of a sense resistor can be used in a given application.
Equation 3 provides the limit on the minimum size of the sense resistor.
MIN
SENSE
SN
I
R
GAIN > V
u
u
(3)
where:
• IMIN is the minimum current that will flow through RSENSE.
• GAIN is the gain of the current sense amplifier.
• VSN is the negative output swing of the device (see Rail-to-Rail Output Swing).
INA180, INA2180, INA4180
SBOS741H – APRIL 2017 – REVISED JULY 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA180 INA2180 INA4180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com