Electronic Components Datasheet Search
  English  ▼

X  

INA180 Datasheet(PDF) 28 Page - Texas Instruments

Part # INA180
Description  INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA180 Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA180 Datasheet HTML 24Page - Texas Instruments INA180 Datasheet HTML 25Page - Texas Instruments INA180 Datasheet HTML 26Page - Texas Instruments INA180 Datasheet HTML 27Page - Texas Instruments INA180 Datasheet HTML 28Page - Texas Instruments INA180 Datasheet HTML 29Page - Texas Instruments INA180 Datasheet HTML 30Page - Texas Instruments INA180 Datasheet HTML 31Page - Texas Instruments INA180 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
9.4.2 Layout Examples
1
2
3
5
4
GND
IN±
IN+
Current
Sense
OUT
VS
RSHUNT
Direction Current Flow
VIA to Ground
Plane
Power Supply, VS:
2.7 V to 5.5 V
CBYPASS
Bus Voltage:
±0.2 V to +26 V
Figure 9-7. Single-Channel Recommended Layout (Pinout A)
1
2
3
8
6
IN–1
IN–2
IN+1
Current Sense
Output 1
OUT1
VS
RSHUNT1
Load 1
VIA to Ground
Plane
Power Supply, VS:
2.7 V to 5.5 V
CBYPASS
4
5
IN+2
GND
7
OUT2
RSHUNT2
Current Sense
Output 2
Load 2
Direction of
Current Flow
Direction of
Current Flow
Bus Voltage:
–0.2 V to +26 V
Figure 9-8. Dual-Channel Recommended Layout (VSSOP)
INA180, INA2180, INA4180
SBOS741H – APRIL 2017 – REVISED JULY 2022
www.ti.com
28
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA180 INA2180 INA4180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com