Electronic Components Datasheet Search
  English  ▼

X  

INA180 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA180
Description  INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA180 Datasheet(HTML) 1 Page - Texas Instruments

  INA180 Datasheet HTML 1Page - Texas Instruments INA180 Datasheet HTML 2Page - Texas Instruments INA180 Datasheet HTML 3Page - Texas Instruments INA180 Datasheet HTML 4Page - Texas Instruments INA180 Datasheet HTML 5Page - Texas Instruments INA180 Datasheet HTML 6Page - Texas Instruments INA180 Datasheet HTML 7Page - Texas Instruments INA180 Datasheet HTML 8Page - Texas Instruments INA180 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifiers
1 Features
• Common-mode range (VCM): –0.2 V to +26 V
• High bandwidth: 350 kHz (A1 devices)
• Offset voltage:
– ±150 µV (maximum) at VCM = 0 V
– ±500 µV (maximum) at VCM = 12 V
• Output slew rate: 2 V/µs
• Accuracy:
– ±1% gain error (maximum)
– 1-µV/°C offset drift (maximum)
• Gain options:
– 20 V/V (A1 devices)
– 50 V/V (A2 devices)
– 100 V/V (A3 devices)
– 200 V/V (A4 devices)
• Quiescent current: 260 µA maximum (INA180)
2 Applications
• Motor control
• Battery monitoring
• Power management
• Lighting control
• Overcurrent detection
• Solar inverters
INA4180
(quad-channel)
INA2180
(dual-channel)
INA180
(single-channel)
Power Supply, VS
2.7 V to 5.5 V
ADC
Microcontroller
Bus Voltage, VCM
Up To 26 V
RSENSE
GND
VS
Load
IN±
IN+
OUT
+
±
CBYPASS
0.1 µF
Copyright © 2017, Texas Instruments Incorporated
Typical Application Circuit
3 Description
The INA180, INA2180, and INA4180 (INAx180)
current sense amplifiers are designed for cost-
optimized applications. These devices are part of a
family of current-sense amplifiers (also called current-
shunt monitors) that sense voltage drops across
current-sense resistors at common-mode voltages
from –0.2 V to +26 V, independent of the supply
voltage. The INAx180 integrate a matched resistor
gain network in four, fixed-gain device options: 20
V/V, 50 V/V, 100 V/V, or 200 V/V. This matched gain
resistor network minimizes gain error and reduces the
temperature drift.
All these devices operate from a single 2.7-V to 5.5-
V power supply. The single-channel INA180 draws
a maximum supply current of 260 µA; whereas,
the dual-channel INA2180 draws a maximum supply
current of 500 µA, and the quad channel draws a
maximum supply current of 900 µA.
The INA180 is available in a 5-pin, SOT-23 package
with two different pin configurations. The INA2180 is
available in 8-pin, VSSOP and WSON packages. The
INA4180 is available in a 14-pin, TSSOP package.
All device options are specified over the extended
operating temperature range of –40°C to +125°C.
Packaging Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA180
SOT-23 (5)
2.90 mm × 1.60 mm
INA2180
VSSOP (8)
3.00 mm × 3.00 mm
WSON (8)
2.00 mm × 2.00 mm
INA4180
TSSOP (14)
5.00 mm × 4.40 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
INA180, INA2180, INA4180
SBOS741H – APRIL 2017 – REVISED JULY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA180 TI1-INA180 Datasheet
1Mb / 30P
Low- and High-Side Voltage Output, Current-Sense Amplifier
INA180 TI1-INA180 Datasheet
1Mb / 32P
INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifier
INA180 TI1-INA180 Datasheet
1Mb / 38P
Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180 Datasheet
1Mb / 40P
Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180 Datasheet
1Mb / 39P
Automotive, Low- and High-Side Voltage Output, Current-Sense Amplifiers
More results

Similar Description - INA180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA180 TI1-INA180_17 Datasheet
1Mb / 32P
INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181_017 TI1-INA181_017 Datasheet
1Mb / 43P
Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180_017 TI1-INA180_017 Datasheet
1Mb / 38P
Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180_18 Datasheet
1Mb / 40P
Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181 TI1-INA181_18 Datasheet
1Mb / 46P
Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180-Q1 TI1-INA180-Q1 Datasheet
1Mb / 37P
Automotive, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180-Q1 TI1-INA180-Q1_18 Datasheet
1Mb / 38P
Automotive, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180-Q1 TI1-INA180-Q1_19 Datasheet
1Mb / 39P
Automotive, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180-Q1_1903 TI1-INA180-Q1_1903 Datasheet
1Mb / 41P
Automotive, low- and high-side voltage output, current-sense amplifiers
INA180 TI1-INA180_V01 Datasheet
2Mb / 51P
INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com