Electronic Components Datasheet Search
  English  ▼

X  

INA180 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA180
Description  INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA180 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA180 Datasheet HTML 3Page - Texas Instruments INA180 Datasheet HTML 4Page - Texas Instruments INA180 Datasheet HTML 5Page - Texas Instruments INA180 Datasheet HTML 6Page - Texas Instruments INA180 Datasheet HTML 7Page - Texas Instruments INA180 Datasheet HTML 8Page - Texas Instruments INA180 Datasheet HTML 9Page - Texas Instruments INA180 Datasheet HTML 10Page - Texas Instruments INA180 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
Supply voltage, VS
6
V
Analog inputs, IN+, IN– (2)
Differential (VIN+) – (VIN–)
–26
26
V
Common-mode (3)
GND – 0.3
26
V
Output Voltage
GND – 0.3
VS + 0.3
V
Maximum output current, IOUT
8
mA
Operating free-air temperature, TA
–55
150
°C
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
VIN+ and VIN– are the voltages at the IN+ and IN– pins, respectively.
(3)
Input voltage at any pin can exceed the voltage shown if the current at that terminal is limited to 5 mA.
7.2 ESD Ratings
MIN
MAX
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±3000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCM
Common-mode input voltage (IN+ and IN–)
–0.2
12
26
V
VS
Operating supply voltage
2.7
5
5.5
V
TA
Operating free-air temperature
–40
125
°C
7.4 Thermal Information
THERMAL METRIC (1)
INA180
INA2180
INA4180
UNIT
DBV (SOT23)
DSG
(WSON)
DGK (VSSOP)
PW (TSSOP)
5 PINS
8 PINS
8 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
197.1
74.9
177.9
115.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
95.8
90.8
65.6
44.3
°C/W
RθJB
Junction-to-board thermal resistance
53.1
40.8
99.3
59.2
°C/W
ψJT
Junction-to-top characterization parameter
23.4
3.7
10.5
4.7
°C/W
ψJB
Junction-to-board characterization parameter
52.7
40.8
97.9
58.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
16.8
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
www.ti.com
INA180, INA2180, INA4180
SBOS741H – APRIL 2017 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: INA180 INA2180 INA4180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com