Electronic Components Datasheet Search
  English  ▼

X  

LM46002PWPR Datasheet(PDF) 2 Page - Texas Instruments

Part # LM46002PWPR
Description  LM46002 3.5-V to 60-V, 2-A Synchronous Step-Down Voltage Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM46002PWPR Datasheet(HTML) 2 Page - Texas Instruments

  LM46002PWPR Datasheet HTML 1Page - Texas Instruments LM46002PWPR Datasheet HTML 2Page - Texas Instruments LM46002PWPR Datasheet HTML 3Page - Texas Instruments LM46002PWPR Datasheet HTML 4Page - Texas Instruments LM46002PWPR Datasheet HTML 5Page - Texas Instruments LM46002PWPR Datasheet HTML 6Page - Texas Instruments LM46002PWPR Datasheet HTML 7Page - Texas Instruments LM46002PWPR Datasheet HTML 8Page - Texas Instruments LM46002PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
2
LM46002
SNVSA13C – APRIL 2014 – REVISED APRIL 2019
www.ti.com
Product Folder Links: LM46002
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 5
6.6
Timing Requirements ................................................ 6
6.7
Switching Characteristics .......................................... 7
6.8
Typical Characteristics .............................................. 8
7
Detailed Description ............................................ 14
7.1
Overview ................................................................. 14
7.2
Functional Block Diagram ....................................... 14
7.3
Feature Description................................................. 15
7.4
Device Functional Modes........................................ 23
8
Applications and Implementation ...................... 24
8.1
Application Information............................................ 24
8.2
Typical Applications ................................................ 24
9
Power Supply Recommendations ...................... 40
10
Layout................................................................... 40
10.1
Layout Guidelines ................................................. 40
10.2
Layout Example .................................................... 43
11
Device and Documentation Support ................. 44
11.1
Device Support...................................................... 44
11.2
Receiving Notification of Documentation Updates 44
11.3
Community Resources.......................................... 44
11.4
Trademarks ........................................................... 44
11.5
Electrostatic Discharge Caution ............................ 44
11.6
Glossary ................................................................ 44
12
Mechanical, Packaging, and Orderable
Information ........................................................... 45
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (September 2014) to Revision C
Page
•
Added WEBENCH links and top nav icon for TI Design; made editorial edits to align with latest documentation standard . 1
•
Changed Handling Ratings to ESD Ratings ; move Storage temperature to Abs Max table................................................. 4
•
Deleted "TJ = –40°C to 85°C" row from VFB ........................................................................................................................... 6
•
Changed ISSC min from 1.45 µA to 1.17 µA and typ from 2.2 µA to 2 µA .............................................................................. 6
•
Changed RPGOOD, VEN = 3.3 V: typ from 40 Ω to 69 Ω and max from 125 Ω to 150 Ω .......................................................... 6
•
Changed RPGOOD, VEN = 0: typ from 60 Ω to 150 Ω and max from 150 Ω to 350 Ω............................................................... 6
•
Changed Equation 16 to add "/ 2" ........................................................................................................................................ 28
•
Added Receiving Notification of Documentation Updates and Community Resources ....................................................... 44
Changes from Revision A (April 2014) to Revision B
Page
•
Changed this graph .............................................................................................................................................................. 12
•
Added this equation .............................................................................................................................................................. 30
•
Added this equation .............................................................................................................................................................. 30
•
Changed this graph .............................................................................................................................................................. 31
•
Changed this graph .............................................................................................................................................................. 35
•
Changed this graph .............................................................................................................................................................. 35
•
Changed this graph .............................................................................................................................................................. 36
•
Changed this graph .............................................................................................................................................................. 43
Changes from Original (April 2014) to Revision A
Page
•
Changed device from Product Preview to Production Data .................................................................................................. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com