Electronic Components Datasheet Search
  English  ▼

X  

LM46002PWPR Datasheet(PDF) 30 Page - Texas Instruments

Part # LM46002PWPR
Description  LM46002 3.5-V to 60-V, 2-A Synchronous Step-Down Voltage Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM46002PWPR Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM46002PWPR Datasheet HTML 26Page - Texas Instruments LM46002PWPR Datasheet HTML 27Page - Texas Instruments LM46002PWPR Datasheet HTML 28Page - Texas Instruments LM46002PWPR Datasheet HTML 29Page - Texas Instruments LM46002PWPR Datasheet HTML 30Page - Texas Instruments LM46002PWPR Datasheet HTML 31Page - Texas Instruments LM46002PWPR Datasheet HTML 32Page - Texas Instruments LM46002PWPR Datasheet HTML 33Page - Texas Instruments LM46002PWPR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
SS
SSC
SS
C
I
t
u
30
LM46002
SNVSA13C – APRIL 2014 – REVISED APRIL 2019
www.ti.com
Product Folder Links: LM46002
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
8.2.2.9 VCC Capacitor
The VCC pin is the output of an internal LDO for LM46002. The input for this LDO comes from either VIN or
BIAS (see Functional Block Diagram for LM46002). To insure stability of the part, place a minimum of 2.2-µF, 10-
V capacitor from this pin to ground.
8.2.2.10 BIAS Capacitors
For an output voltage of 3.3 V and greater, the BIAS pin can be connected to the output in order to increase light
load efficiency. This pin is an input for the VCC LDO. When BIAS is not connected, the input for the VCC LDO
will be internally connected into VIN. Because this is an LDO, the voltage differences between the input and
output will affect the efficiency of the LDO. If necessary, a capacitor with a value of 1 μF can be added close to
the BIAS pin as an input capacitor for the LDO.
8.2.2.11 Soft-Start Capacitors
The user can leave the SS/TRK pin floating, and the LM46002 will implement a soft-start time of 4.1 ms typically.
In order to use an external soft-start capacitor, size the capacitor such that the soft start time will be longer than
4.1 ms. Use Equation 23 to calculate the soft-start capacitor value:
where
•
CSS = soft-start capacitor value (µF)
•
ISSC = soft-start charging current (µA)
•
tSS = desired soft-start time (s)
(23)
For the desired soft start time of 10 ms and soft-start charging current of 2.2 µA, Equation 23 yield a soft start
capacitor value of 0.022 µF.
8.2.2.12 Undervoltage Lockout Setpoint
The undervoltage lockout (UVLO) is adjusted using the external voltage divider network of RENT and RENB. RENT
is connected between the VIN pin and the EN pin of the LM46002. RENB is connected between the EN pin and
the GND pin. The UVLO has two thresholds, one for power up when the input voltage is rising and one for power
down or brown outs when the input voltage is falling. The following equation can be used to determine the VIN
UVLO level.
VIN-UVLO-RISING = VENH × (RENB + RENT) / RENB
(24)
The EN rising threshold (VENH) for LM46002 is set to be 2.1 V (typical). Choose the value of RENB to be 1 MΩ to
minimize input current from the supply. If the desired VIN UVLO level is at 5 V, then the value of RENT can be
calculated using Equation 25:
RENT = (VIN-UVLO-RISING / VENH – 1) × RENB
(25)
Equation 25 yields a value of 1.38 MΩ. The resulting falling UVLO threshold, equals 4.3 V, can be calculated by
below equation, where EN falling threshold (VENL) is 1.8 V (typical).
VIN-UVLO-FALLING = VENL × (RENB + RENT) / RENB
(26)
8.2.2.13 PGOOD
A typical pull-up resistor value is 10 k
Ω to 100 kΩ from the PGOOD pin to a voltage no higher than 12 V. If it is
desired to pull up the PGOOD pin to a voltage higher than 12 V, a resistor can be added from the PGOOD pin to
ground to divide the voltage seen by the PGOOD pin to a value no higher than 12 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com