Electronic Components Datasheet Search
  English  ▼

X  

LM46002PWPR Datasheet(PDF) 52 Page - Texas Instruments

Part # LM46002PWPR
Description  LM46002 3.5-V to 60-V, 2-A Synchronous Step-Down Voltage Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM46002PWPR Datasheet(HTML) 52 Page - Texas Instruments

Back Button LM46002PWPR Datasheet HTML 46Page - Texas Instruments LM46002PWPR Datasheet HTML 47Page - Texas Instruments LM46002PWPR Datasheet HTML 48Page - Texas Instruments LM46002PWPR Datasheet HTML 49Page - Texas Instruments LM46002PWPR Datasheet HTML 50Page - Texas Instruments LM46002PWPR Datasheet HTML 51Page - Texas Instruments LM46002PWPR Datasheet HTML 52Page - Texas Instruments LM46002PWPR Datasheet HTML 53Page - Texas Instruments LM46002PWPR Datasheet HTML 54Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(5.8)
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
16X (1.5)
16X (0.45)
14X (0.65)
(3.4)
NOTE 10
(5)
(2.41)
(3.29)
SOLDER MASK
OPENING
(
) TYP
VIA
0.2
(0.95) TYP
(0.95)
TYP
4218975/B 01/2016
PowerPAD TSSOP - 1.2 mm max height
PWP0016G
PLASTIC SMALL OUTLINE
SYMM
SYMM
SEE DETAILS
LAND PATTERN EXAMPLE
SCALE:10X
1
8
9
16
SOLDER MASK
OPENING
METAL COVERED
BY SOLDER MASK
SOLDER MASK
DEFINED PAD
NOTES: (continued)
7. Publication IPC-7351 may have alternate designs.
8. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
9. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
numbers SLMA002 (www.ti.com/lit/slma002) and SLMA004 (www.ti.com/lit/slma004).
10. Size of metal pad may vary due to creepage requirement.
TM
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
PADS 1-16
SOLDER MASK
DEFINED
SOLDER MASK
METAL UNDER
SOLDER MASK
OPENING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com