Electronic Components Datasheet Search
  English  ▼

X  

LM46002PWPR Datasheet(PDF) 31 Page - Texas Instruments

Part # LM46002PWPR
Description  LM46002 3.5-V to 60-V, 2-A Synchronous Step-Down Voltage Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM46002PWPR Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM46002PWPR Datasheet HTML 27Page - Texas Instruments LM46002PWPR Datasheet HTML 28Page - Texas Instruments LM46002PWPR Datasheet HTML 29Page - Texas Instruments LM46002PWPR Datasheet HTML 30Page - Texas Instruments LM46002PWPR Datasheet HTML 31Page - Texas Instruments LM46002PWPR Datasheet HTML 32Page - Texas Instruments LM46002PWPR Datasheet HTML 33Page - Texas Instruments LM46002PWPR Datasheet HTML 34Page - Texas Instruments LM46002PWPR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
VOUT (200 mV/DIV)
VDROP-ON-0.75Ÿ-LOAD (1 A/DIV)
IINDUCTOR (1 A/DIV)
Time (100 µs/DIV)
0.0
0.5
1.0
1.5
2.0
2.5
50
60
70
80
90
100
110
120
Ta (
ƒC)
R,JA=10
ƒC/W
R,JA=20
ƒC/W
R,JA=30
ƒC/W
C013
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
0.001
0.01
0.1
1
Current (A)
VIN = 12V
VIN = 18V
VIN = 24V
VIN = 28V
VIN = 36V
C001
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.5
4.0
4.5
5.0
VIN (V)
IOUT = 0.1A
IOUT = 0.5A
IOUT = 1A
IOUT = 1.5A
IOUT = 2A
C013
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Load Current (A)
VIN = 12V
VIN = 18V
VIN = 24V
VIN = 28V
C001
SW
CBOOT
VCC
BIAS
RT
FB
LM46002
VOUT
RFBT
RFBB
CBIAS
2.2 µF
1 µF
0.47 µF
L=10 µH
150 µF
47 pF
1 M
Ÿ
432
k
Ÿ
CFF
COUT
CBOOT
CVCC
VOUT = 3.3 V FS = 500 kHz
31
LM46002
www.ti.com
SNVSA13C – APRIL 2014 – REVISED APRIL 2019
Product Folder Links: LM46002
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
8.2.3 Application Performance Curves
Please refer to Table 2 for bill of materials for each VOUT and FS combination. Unless otherwise stated, application
performance curves were taken at TA = 25 °C.
VOUT = 3.3 V
FS = 500 kHz
VIN = 24 V
Figure 47. BOM for VOUT = 3.3 V FS = 500 kHz
VOUT = 3.3 V
FS = 500 kHz
Figure 48. Efficiency
VOUT = 3.3 V
FS = 500 kHz
Figure 49. Output Voltage Regulation
VOUT = 3.3 V
FS = 500 kHz
Figure 50. Drop-Out Curve
VOUT = 3.3 V
FS = 500 kHz
VIN = 24 V
Figure 51. Load Transient Between 0.1 A and 2 A
VOUT = 3.3 V
FS = 500 kHz
VIN = 24 V
Figure 52. Derating Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com