Electronic Components Datasheet Search
  English  ▼

X  

LM46002PWPR Datasheet(PDF) 41 Page - Texas Instruments

Part # LM46002PWPR
Description  LM46002 3.5-V to 60-V, 2-A Synchronous Step-Down Voltage Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM46002PWPR Datasheet(HTML) 41 Page - Texas Instruments

Back Button LM46002PWPR Datasheet HTML 37Page - Texas Instruments LM46002PWPR Datasheet HTML 38Page - Texas Instruments LM46002PWPR Datasheet HTML 39Page - Texas Instruments LM46002PWPR Datasheet HTML 40Page - Texas Instruments LM46002PWPR Datasheet HTML 41Page - Texas Instruments LM46002PWPR Datasheet HTML 42Page - Texas Instruments LM46002PWPR Datasheet HTML 43Page - Texas Instruments LM46002PWPR Datasheet HTML 44Page - Texas Instruments LM46002PWPR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
41
LM46002
www.ti.com
SNVSA13C – APRIL 2014 – REVISED APRIL 2019
Product Folder Links: LM46002
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
Layout Guidelines (continued)
High frequency ceramic bypass capacitors at the input side provide primary path for the high di/dt components of
the pulsing current. Placing ceramic bypass capacitor(s) as close as possible to the VIN and PGND pins is the
key to EMI reduction.
The SW pin connecting to the inductor must be as short as possible and just wide enough to carry the load
current without excessive heating. Short, thick traces or copper pours (shapes) should be used for high current
condution path to minimize parasitic resistance. The output capacitors should be place close to the VOUT end of
the inductor and closely grounded to PGND pin and exposed PAD.
Place the bypass capacitors on VCC and BIAS pins as close as possible to the pins respectively and closely
grounded to PGND and the exposed PAD.
10.1.2 Ground Plane and Thermal Considerations
TI recommends using one of the middle layers as a solid ground plane. Ground plane provides shielding for
sensitive circuits and traces. It also provides a quiet reference potential for the control circuitry. The AGND and
PGND pins should be connected to the ground plane using vias right next to the bypass capacitors. PGND pins
are connected to the source of the internal LS switch. They should be connected directly to the grounds of the
input and output capacitors. The PGND net contains noise at the switching frequency and may bounce due to
load variations. The PGND trace, as well as PVIN and SW traces, should be constrained to one side of the
ground plane. The other side of the ground plane contains much less noise and should be used for sensitive
routes.
It is recommended to provide adequate device heat sinking by utilizing the PAD of the IC as the primary thermal
path. Use a minimum 4 by 4 array of 10 mil thermal vias to connect the PAD to the system ground plane for heat
sinking. The vias should be evenly distributed under the PAD. Use as much copper as possible for system
ground plane on the top and bottom layers for the best heat dissipation. It is recommended to use a four-layer
board with the copper thickness, for the four layers, starting from the top one, 2 oz / 1 oz / 1 oz / 2 oz. Four layer
boards with enough copper thickness and proper layout provides low current conduction impedance, proper
shielding and lower thermal resistance.
The thermal characteristics of the LM46002 are specified using the parameter RθJA, which characterize the
junction temperature of the silicon to the ambient temperature in a specific system. Although the value of RθJA is
dependant on many variables, it still can be used to approximate the operating junction temperature of the
device. To obtain an estimate of the device junction temperature, one may use the following relationship:
TJ = PD × RθJA + TA
where
•
TJ = junction temperature in °C
•
PD = VIN x IIN x (1 − Efficiency) − 1.1 × IOUT x DCR
•
DCR = inductor DC parasitic resistance in Ω
•
RθJA = junction-to-ambient thermal resistance of the device in °C/W
•
TA = ambient temperature in °C.
•
(27)
The maximum operating junction temperature of the LM46002 is 125°C. RθJA is highly related to PCB size and
layout, as well as enviromental factors such as heat sinking and air flow. Figure 101 shows measured results of
RθJA with different copper area on a 2-layer board and a 4-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com