Electronic Components Datasheet Search
  English  ▼

X  

LM76005RNPR Datasheet(PDF) 30 Page - Texas Instruments

Part # LM76005RNPR
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76005RNPR Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM76005RNPR Datasheet HTML 26Page - Texas Instruments LM76005RNPR Datasheet HTML 27Page - Texas Instruments LM76005RNPR Datasheet HTML 28Page - Texas Instruments LM76005RNPR Datasheet HTML 29Page - Texas Instruments LM76005RNPR Datasheet HTML 30Page - Texas Instruments LM76005RNPR Datasheet HTML 31Page - Texas Instruments LM76005RNPR Datasheet HTML 32Page - Texas Instruments LM76005RNPR Datasheet HTML 33Page - Texas Instruments LM76005RNPR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
VOUT
VSW
(500 mA/
DIV)
Time (2 µs/DIV)
IINDUCTOR
(20 mV/DIV)
(5 V/DIV)
VIN = 12 V
VOUT = 5 V
fSW = 400 kHz
No Load
FPWM Mode
Figure 8-10. LM76005 Switching Waveform and
Output Ripple
VOUT
VSW
(500 mA/
DIV)
Time (2 µs/DIV)
IINDUCTOR
(20 mV/DIV)
(10 V/DIV)
VIN = 24 V
VOUT = 5 V
fSW = 400 kHz
No Load
FPWM Mode
Figure 8-11. LM76005 Switching Waveform and
Output Ripple
VOUT
VSW
(500 mA/
DIV)
Time (4 µs/DIV)
IINDUCTOR
(20 mV/DIV)
(5 V/DIV)
VIN = 12 V
VOUT = 5 V
fSW = 400 kHz
100-mA Load
Auto Mode
Figure 8-12. LM76005 Switching Waveform and
Output Ripple
VOUT
VSW
(500 mA/
DIV)
Time (4 µs/DIV)
IINDUCTOR
(20 mV/DIV)
(10 V/DIV)
VIN = 24 V
VOUT = 5 V
fSW = 400 kHz
100-mA Load
Auto Mode
Figure 8-13. LM76005 Switching Waveform and
Output Ripple
VOUT
VSW
(500 mA/
DIV)
Time (2 µs/DIV)
IINDUCTOR
(20 mV/DIV)
(5 V/DIV)
VIN = 12 V
VOUT = 5 V
fSW = 400 kHz
100-mA Load
FPWM Mode
Figure 8-14. LM76005 Switching Waveform and
Output Ripple
VOUT
VSW
(500 mA/
DIV)
Time (2 µs/DIV)
IINDUCTOR
(20 mV/DIV)
(10 V/DIV)
VIN = 24 V
VOUT = 5 V
fSW = 400 kHz
100-mA Load
FPWM Mode
Figure 8-15. LM76005 Switching Waveform and
Output Ripple
LM76005
SNVSBK5A – FEBRUARY 2020 – REVISED JULY 2020
www.ti.com
30
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LM76005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com