Electronic Components Datasheet Search
  English  ▼

X  

LM76005RNPR Datasheet(PDF) 49 Page - Texas Instruments

Part # LM76005RNPR
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76005RNPR Datasheet(HTML) 49 Page - Texas Instruments

Back Button LM76005RNPR Datasheet HTML 43Page - Texas Instruments LM76005RNPR Datasheet HTML 44Page - Texas Instruments LM76005RNPR Datasheet HTML 45Page - Texas Instruments LM76005RNPR Datasheet HTML 46Page - Texas Instruments LM76005RNPR Datasheet HTML 47Page - Texas Instruments LM76005RNPR Datasheet HTML 48Page - Texas Instruments LM76005RNPR Datasheet HTML 49Page - Texas Instruments LM76005RNPR Datasheet HTML 50Page - Texas Instruments LM76005RNPR Datasheet HTML 51Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MIN
ALL AROUND
0.07 MAX
ALL AROUND
30X (0.25)
22X (0.75)
(
0.2) TYP
VIA
(R0.05) TYP
(1.14)
TYP
(5.8)
(3.65)
(0.5) TYP
(1.8)
(0.65) TYP
(4.5)
8X (0.6)
(0.57)
WQFN - 0.8 mm max height
RNP0030G
PLASTIC QUAD FLATPACK - NO LEAD
4229347/A 01/2023
SYMM
1
11
12
15
16
26
27
30
SYMM
LAND PATTERN EXAMPLE
SCALE:15X
31
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com