Electronic Components Datasheet Search
  English  ▼

X  

LM76005RNPR Datasheet(PDF) 7 Page - Texas Instruments

Part # LM76005RNPR
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76005RNPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM76005RNPR Datasheet HTML 3Page - Texas Instruments LM76005RNPR Datasheet HTML 4Page - Texas Instruments LM76005RNPR Datasheet HTML 5Page - Texas Instruments LM76005RNPR Datasheet HTML 6Page - Texas Instruments LM76005RNPR Datasheet HTML 7Page - Texas Instruments LM76005RNPR Datasheet HTML 8Page - Texas Instruments LM76005RNPR Datasheet HTML 9Page - Texas Instruments LM76005RNPR Datasheet HTML 10Page - Texas Instruments LM76005RNPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
Limits apply over the recommended operating junction temperature (TJ) range of –40°C to +125°C, unless
otherwise stated. Minimum and maximum limits are specified through test, design or statistical correlation.
Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes
only. Unless otherwise stated, the following conditions apply: VIN = 24 V, VOUT = 3.3 V, fSW = 400 kHz.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HIGH SIDE DRIVER (BOOT PIN)
VBOOT_UVLO
BOOT - SW undervoltage
lockout
1.6
2.2
2.7
V
CURRENT LIMITS AND HICCUP
IHS_LIMIT(2)
Short-circuit, high-side
current limit
6.0
6.8
7.8
A
ILS_LIMIT (2)
Low-side current limit
4.5
5.1
5.8
A
INEG_LIMIT
Negative current limit
–4.1
A
VHICCUP
Hiccup threshold on FB pin
0.38
0.42
0.46
V
IL_ZC
Zero cross-current limit
0.05
A
SOFT START (SS/TRK PIN)
ISSC
Soft-start charge current
1.8
2
2.2
µA
RSSD
Soft-start discharge
resistance
UVLO, TSD, OCP; or EN = 0 V
2
kΩ
POWER GOOD (PGOOD PIN) and OVERVOLTAGE PROTECTION
VPGOOD_OV
Power-good overvoltage
threshold
% of FB voltage
106%
110%
113%
VPGOOD_UV
Power-good undervoltage
threshold
% of FB voltage
86%
90%
93%
VPGOOD_HYS
Power-good hysteresis
% of FB voltage
2.5%
VPGOOD_VALID
Minimum input voltage for
proper PGOOD function
50-µA pullup to PGOOD pin, VEN = 0 V
1.3
2
V
RPGOOD
Power-good on-resistance
VEN = 2.5 V
40
100
Ω
VEN = 0 V
30
90
MOSFETS
RDS_ON_HS (3)
High-side MOSFET on-
resistance
IOUT = 1 A, VBIAS = VOUT = 3.3 V
95
150
mΩ
RDS_ON_LS (3)
Low-side MOSFET on-
resistance
IOUT = 1 A, VBIAS = VOUT = 3.3 V
45
85
mΩ
THERMAL SHUTDOWN
TSD (4)
Thermal shutdown threshold Shutdown threshold
150
°C
Recovery threshold
135
°C
(1)
Shutdown current includes leakage current of the switching transistors.
(2)
This current limit was measured as the internal comparator trip point. Due to inherent delays in the current limit comparator and
drivers, the peak current limit measured in closed loop with faster slew rate will be larger, and valley current limit will be lower.
(3)
Measured at pins.
(4)
Ensured by design.
www.ti.com
LM76005
SNVSBK5A – FEBRUARY 2020 – REVISED JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LM76005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com