Electronic Components Datasheet Search
  English  ▼

X  

LM76005RNPR Datasheet(PDF) 11 Page - Texas Instruments

Part # LM76005RNPR
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76005RNPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM76005RNPR Datasheet HTML 7Page - Texas Instruments LM76005RNPR Datasheet HTML 8Page - Texas Instruments LM76005RNPR Datasheet HTML 9Page - Texas Instruments LM76005RNPR Datasheet HTML 10Page - Texas Instruments LM76005RNPR Datasheet HTML 11Page - Texas Instruments LM76005RNPR Datasheet HTML 12Page - Texas Instruments LM76005RNPR Datasheet HTML 13Page - Texas Instruments LM76005RNPR Datasheet HTML 14Page - Texas Instruments LM76005RNPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
7 Detailed Description
7.1 Overview
The LM76005 regulator is an easy-to-use synchronous step-down DC-DC converter that operates from 3.5-V to
60-V supply voltage. The device is capable of delivering up to 5-A DC load current with exceptional efficiency
and thermal performance in a very small solution size.
The LM76005 employs fixed-frequency peak-current-mode control with configurable discontinuous conduction
mode (DCM) and pulse frequency modulation (PFM) mode at light loads to achieve high efficiency across the
load range. The device can also be configured as forced-PWM (FPWM) operation to keep constant switching
frequency over the load range. The device is internally compensated, which reduces design time and requires
fewer external components. The switching frequency is programmable from 200 kHz to 500 kHz by an external
resistor. The LM76005 is also capable of synchronization to an external clock operating within the 200-kHz to
500-kHz frequency range. The wide switching frequency range allows the device to meet a wide range of design
requirements. It can be optimized for a very small solution size with higher frequency or for very high efficiency
with lower switching frequency. It has very small minimum HS MOSFET on-time (tON-MIN) and minimum off-time
(tOFF-MIN) to provide wide range of voltage conversion. Automated frequency foldback is employed under tON-MIN
or tOFF-MIN condition to further extend the operation range.
The LM76005 also features the following:
• A power-good (PGOOD) flag
• Precision enable
• Internal or adjustable soft-start rate
• Start-up with pre-bias voltage
• Output voltage tracking
It provides a flexible and easy-to-use solution for wide range of applications. Protection features include thermal
shutdown, VCC undervoltage lockout, cycle-by-cycle current limiting, and short-circuit hiccup protection.
The family requires very few external components and has a pinout designed for simple, optimum PCB layout for
EMI and thermal performance. The LM76005 device is available in a 30-pin WQFN lead-less package.
7.2 Functional Block Diagram
REF
PVIN
BIAS
PGOOD
EN
CONTROL LOGIC
AGND
PGND
Oscillator
LDO
SYNC/
MODE
VCC
SW
FB
HS I Sense
EA
RT
UVLO
HICCUP
Detector
Internal
SS
OV/UV
Detector
+
PFM
Detector
Slope Comp
+
±
Precision
Enable
LS I Sense
PGood
FB
RC
CC
ISSC
ICMD
ICMD
+
±
VCC
CLK
FPWM
TSD
VBOOT
VBOOT
UVLO
SS/TRK
BOOT
www.ti.com
LM76005
SNVSBK5A – FEBRUARY 2020 – REVISED JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LM76005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com