Electronic Components Datasheet Search
  English  ▼

X  

LP5012PWR Datasheet(PDF) 30 Page - Texas Instruments

Part # LP5012PWR
Description  LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5012PWR Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP5012PWR Datasheet HTML 26Page - Texas Instruments LP5012PWR Datasheet HTML 27Page - Texas Instruments LP5012PWR Datasheet HTML 28Page - Texas Instruments LP5012PWR Datasheet HTML 29Page - Texas Instruments LP5012PWR Datasheet HTML 30Page - Texas Instruments LP5012PWR Datasheet HTML 31Page - Texas Instruments LP5012PWR Datasheet HTML 32Page - Texas Instruments LP5012PWR Datasheet HTML 33Page - Texas Instruments LP5012PWR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
8.6.12 OUT0_COLOR (Address = 0Bh) [reset = 00h]
OUT0_COLOR is shown in Figure 8-24 and described in Table 8-17.
Return to Table 8-4.
Figure 8-24. OUT0_COLOR Register
7
6
5
4
3
2
1
0
OUT0_Color
R/ W-00h
Table 8-17. OUT0_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
OUT0_Color
R/ W
00h
FFh = The color mixing percentage is 0%.
...
80h =The color mixing percentage is 50%.
...
00h = The color mixing percentage is 100%.
8.6.13 OUT1_COLOR (Address = 0Ch) [reset = 00h]
OUT1_COLOR is shown in Figure 8-25 and described in Table 8-18.
Return to Table 8-4.
Figure 8-25. OUT1_COLOR Register
7
6
5
4
3
2
1
0
OUT1_Color
R/ W-00h
Table 8-18. OUT1_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
OUT1_Color
R/ W
00h
FFh = The color mixing percentage is 0%.
...
80h =The color mixing percentage is 50%.
...
00h = The color mixing percentage is 100%.
8.6.14 OUT2_COLOR (Address = 0Dh) [reset = 00h]
OUT2_COLOR is shown in Figure 8-26 and described in Table 8-19.
Return to Table 8-4.
Figure 8-26. OUT2_COLOR Register
7
6
5
4
3
2
1
0
OUT2_Color
R/ W-00h
Table 8-19. OUT2_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
OUT2_Color
R/ W
00h
FFh = The color mixing percentage is 0%.
...
80h =The color mixing percentage is 50%.
...
00h = The color mixing percentage is 100%.
8.6.15 OUT3_COLOR (Address = 0Eh) [reset = 00h]
OUT3_COLOR is shown in Figure 8-27 and described in Table 8-20.
LP5009, LP5012
SLVSEH2B – MAY 2019 – REVISED AUGUST 2020
www.ti.com
30
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LP5009 LP5012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com