Electronic Components Datasheet Search
  English  ▼

X  

LP5012PWR Datasheet(PDF) 6 Page - Texas Instruments

Part # LP5012PWR
Description  LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5012PWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP5012PWR Datasheet HTML 2Page - Texas Instruments LP5012PWR Datasheet HTML 3Page - Texas Instruments LP5012PWR Datasheet HTML 4Page - Texas Instruments LP5012PWR Datasheet HTML 5Page - Texas Instruments LP5012PWR Datasheet HTML 6Page - Texas Instruments LP5012PWR Datasheet HTML 7Page - Texas Instruments LP5012PWR Datasheet HTML 8Page - Texas Instruments LP5012PWR Datasheet HTML 9Page - Texas Instruments LP5012PWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
Pin Functions
PIN
I/O
DESCRIPTION
NAME
RUK NO.
PW NO.
LP5009
LP5012
LP5009
LP5012
ADDR0
14
14
1
1
—
I2C slave-address selection pin. This pin must not be left floating.
ADDR1
15
15
3
3
—
I2C slave-address selection pin. This pin must not be left floating.
EN
19
19
8
8
I
Chip enable input pin.
IREF
20
20
9
9
—
Output current-reference global-setting pin.
NC
11, 12, 13
—
22, 23,
24
—
—
No internal connection.
OUT0
2
2
12
12
O
Current sink output 0. If not used, this pin can be left floating.
OUT1
3
3
13
13
O
Current sink output 1. If not used, this pin can be left floating.
OUT2
4
4
14
14
O
Current sink output 2. If not used, this pin can be left floating.
OUT3
5
5
15
15
O
Current sink output 3. If not used, this pin can be left floating.
OUT4
6
6
16
16
O
Current sink output 4. If not used, this pin can be left floating.
OUT5
7
7
17
17
O
Current sink output 5. If not used, this pin can be left floating.
OUT6
8
8
19
19
O
Current sink output 6. If not used, this pin can be left floating.
OUT7
9
9
20
20
O
Current sink output 7. If not used, this pin can be left floating.
OUT8
10
10
21
21
O
Current sink output 8. If not used, this pin can be left floating.
OUT9
—
11
—
22
O
Current sink output 9. If not used, this pin can be left floating.
OUT10
—
12
—
23
O
Current sink output 10. If not used, this pin can be left floating.
OUT11
—
13
—
24
O
Current sink output 11. If not used, this pin can be left floating.
SCL
18
18
7
7
I
I2C bus clock line. If not used, this pin must be connected to GND
or VCC.
SDA
17
17
5
5
I/O
I2C bus data line. If not used, this pin must be connected to GND
or VCC.
VCAP
1
1
10
10
—
Internal LDO output pin, this pin must be connected to a 1-µF
capacitor to GND. Place the capacitor as close to the device as
possible.
VCC
16
16
4
4
—
Power supply.
GND
Thermal
pad
Thermal
pad
—
—
—
Exposed thermal pad also serves the ground pin for the WQFN
package.
AGND
—
—
2
2
—
Analog circuits ground. AGND, PGND and DGND must be
conntected together.
PGND
—
—
6
6
—
Power ground. AGND, PGND and DGND must be conntected
together.
DGND
—
—
18
18
—
Digital circuits ground. AGND, PGND and DGND must be
conntected together.
LP5009, LP5012
SLVSEH2B – MAY 2019 – REVISED AUGUST 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LP5009 LP5012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com