Electronic Components Datasheet Search
  English  ▼

X  

LP5012PWR Datasheet(PDF) 4 Page - Texas Instruments

Part # LP5012PWR
Description  LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5012PWR Datasheet(HTML) 4 Page - Texas Instruments

  LP5012PWR Datasheet HTML 1Page - Texas Instruments LP5012PWR Datasheet HTML 2Page - Texas Instruments LP5012PWR Datasheet HTML 3Page - Texas Instruments LP5012PWR Datasheet HTML 4Page - Texas Instruments LP5012PWR Datasheet HTML 5Page - Texas Instruments LP5012PWR Datasheet HTML 6Page - Texas Instruments LP5012PWR Datasheet HTML 7Page - Texas Instruments LP5012PWR Datasheet HTML 8Page - Texas Instruments LP5012PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
6 Pin Configuration and Functions
1
VCAP
15
ADDR1
2
OUT0
14
ADDR0
3
OUT1
13
NC
4
OUT2
12
NC
5
OUT3
11
NC
Not to scale
Thermal
Pad
Figure 6-1. LP5009 RUK Package 20-Pin WQFN With Exposed Thermal Pad Top View
1
VCAP
15
ADDR1
2
OUT0
14
ADDR0
3
OUT1
13
OUT11
4
OUT2
12
OUT10
5
OUT3
11
OUT9
Not to scale
Thermal
Pad
Figure 6-2. LP5012 RUK Package 20-Pin WQFN With Exposed Thermal Pad Top View
LP5009, LP5012
SLVSEH2B – MAY 2019 – REVISED AUGUST 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LP5009 LP5012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com