Electronic Components Datasheet Search
  English  ▼

X  

LP5012PWR Datasheet(PDF) 33 Page - Texas Instruments

Part # LP5012PWR
Description  LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5012PWR Datasheet(HTML) 33 Page - Texas Instruments

Back Button LP5012PWR Datasheet HTML 29Page - Texas Instruments LP5012PWR Datasheet HTML 30Page - Texas Instruments LP5012PWR Datasheet HTML 31Page - Texas Instruments LP5012PWR Datasheet HTML 32Page - Texas Instruments LP5012PWR Datasheet HTML 33Page - Texas Instruments LP5012PWR Datasheet HTML 34Page - Texas Instruments LP5012PWR Datasheet HTML 35Page - Texas Instruments LP5012PWR Datasheet HTML 36Page - Texas Instruments LP5012PWR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
Return to Table 8-4.
Figure 8-33. OUT9_COLOR Register
7
6
5
4
3
2
1
0
OUT9_Color
R/ W-00h
Table 8-26. OUT9_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
OUT9_Color
R/ W
00h
FFh = The color mixing percentage is 0%.
...
80h =The color mixing percentage is 50%.
...
00h = The color mixing percentage is 100%.
8.6.22 OUT10_COLOR (Address = 15h) [reset = 00h]
OUT10_COLOR is shown in Figure 8-34 and described in Table 8-27.
Return to Table 8-4.
Figure 8-34. OUT10_COLOR Register
7
6
5
4
3
2
1
0
OUT10_Color
R/ W-00h
Table 8-27. OUT10_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
OUT10_Color
R/ W
00h
FFh = The color mixing percentage is 0%.
...
80h =The color mixing percentage is 50%.
...
00h = The color mixing percentage is 100%.
8.6.23 OUT11_COLOR (Address = 16h) [reset = 00h]
OUT11_COLOR is shown in Figure 8-35 and described in Table 8-28.
Return to Table 8-4.
Figure 8-35. OUT11_COLOR Register
7
6
5
4
3
2
1
0
OUT11_Color
R/ W-00h
Table 8-28. OUT11_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
OUT11_Color
R/ W
00h
FFh = The color mixing percentage is 0%.
...
80h =The color mixing percentage is 50%.
...
00h = The color mixing percentage is 100%.
8.6.24 RESET (Address = 17h) [reset = 00h]
RESET is shown in Figure 8-36 and described in Table 8-29.
Return to Table 8-4.
Figure 8-36. RESET Register
7
6
5
4
3
2
1
0
www.ti.com
LP5009, LP5012
SLVSEH2B – MAY 2019 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: LP5009 LP5012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com