Electronic Components Datasheet Search
  English  ▼

X  

LP5012PWR Datasheet(PDF) 36 Page - Texas Instruments

Part # LP5012PWR
Description  LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5012PWR Datasheet(HTML) 36 Page - Texas Instruments

Back Button LP5012PWR Datasheet HTML 32Page - Texas Instruments LP5012PWR Datasheet HTML 33Page - Texas Instruments LP5012PWR Datasheet HTML 34Page - Texas Instruments LP5012PWR Datasheet HTML 35Page - Texas Instruments LP5012PWR Datasheet HTML 36Page - Texas Instruments LP5012PWR Datasheet HTML 37Page - Texas Instruments LP5012PWR Datasheet HTML 38Page - Texas Instruments LP5012PWR Datasheet HTML 39Page - Texas Instruments LP5012PWR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
9.2.1 Design Requirements
Set the LED current to 15 mA using the RIREF resistor. Select the proper value for the other external
components, like VCAP pin capacitor and the SCL/SDA pullup resisters.
9.2.2 Detailed Design Procedure
LP50xx scales up the reference current (IREF) set by the external resistor (RIREF) to sink the output current (IOUT)
at each output port. The following formula can be used to calculate the external resistor (RIREF):
R
IREF =KIREF ×
V
IREF
I
SET
(2)
The SCL and SDA lines must each have a pullup resistor placed somewhere on the line (the pullup resistors are
normally located on the bus master). In typical applications, values of 1.8 kΩ to 4.7 kΩ are used.
VCAP is internal LDO output pin. This pin must be connected through a 1-µF capacitor to GND. Place the
capacitor as close to the device as possible.
TI recommends having a 1-µF capacitor between VCC and GND to ensure proper operation. Place the capacitor
as close to the device as possible.
9.2.3 Application Curves
The test condition for Figure 9-2 is that the testing under bank control, with the register’s (0x04, 0x05, 0x06)
value is 0xF0.
The test condition for Figure 9-3 is that the testing under bank control, with the register’s (0x04, 0x05, 0x06)
value is 0x0F.
Figure 9-2. Current Waveform of OUT0, OUT1,
OUT2 and OUT3
Figure 9-3. Current Waveform of OUT0, OUT1,
OUT2 and OUT3
LP5009, LP5012
SLVSEH2B – MAY 2019 – REVISED AUGUST 2020
www.ti.com
36
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LP5009 LP5012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com