Electronic Components Datasheet Search
  English  ▼

X  

SLAS616 Datasheet(PDF) 15 Page - Texas Instruments

Part # SLAS616
Description  MIXED SIGNAL MICROCONTROLLER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS616 Datasheet(HTML) 15 Page - Texas Instruments

Back Button SLAS616 Datasheet HTML 11Page - Texas Instruments SLAS616 Datasheet HTML 12Page - Texas Instruments SLAS616 Datasheet HTML 13Page - Texas Instruments SLAS616 Datasheet HTML 14Page - Texas Instruments SLAS616 Datasheet HTML 15Page - Texas Instruments SLAS616 Datasheet HTML 16Page - Texas Instruments SLAS616 Datasheet HTML 17Page - Texas Instruments SLAS616 Datasheet HTML 18Page - Texas Instruments SLAS616 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
MSP430FE42x2
MIXED SIGNAL MICROCONTROLLER
SLAS616 − JULY 2008
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PERIPHERALS WITH WORD ACCESS
SD16
Reserved
0114h
(continued, see Note 1)
Channel 2 conversion memory
SD16MEM2
0116h
Reserved
0118h
Reserved
011Ah
Reserved
011Ch
Reserved
011Eh
ESP430 (ESP430CE1B)
ESP430 control
ESPCTL
0150h
()
Mailbox control
MBCTL
0152h
Mailbox in 0
MBIN0
0154h
Mailbox in 1
MBIN1
0156h
Mailbox out 0
MBOUT0
0158h
Mailbox out 1
MBOUT1
015Ah
ESP430 return value 0
RET0
01C0h
:
:
:
ESP430 return value 31
RET31
01FEh
PERIPHERALS WITH BYTE ACCESS
SD16 (see Note 1)
Channel 0 input control
SD16INCTL0
0B0h
()
(see also, Peripherals
With Word Access)
Reserved
0B1h
With Word Access)
Channel 2 input control
SD16INCTL2
0B2h
Reserved
0B3h
Reserved
0B4h
Reserved
0B5h
Reserved
0B6h
Reserved
0B7h
Channel 0 preload
SD16PRE0
0B8h
Reserved
0B9h
Channel 2 preload
SD16PRE2
0BAh
Reserved
0BBh
Reserved
0BCh
Reserved
0BDh
Reserved
0BEh
Reserved
0BFh
LCD
LCD memory 20
LCDM20
0A4h
:
:
:
LCD memory 16
LCDM16
0A0h
LCD memory 15
LCDM15
09Fh
:
:
:
LCD memory 1
LCDM1
091h
LCD control and mode
LCDCTL
090h
NOTE 1: Module is contained within ESP430CE1B. Registers not accessible when ESP430 is active. ESP430 must be disabled or suspended
to allow CPU access to these modules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com