Electronic Components Datasheet Search
  English  ▼

X  

SLAS616 Datasheet(PDF) 18 Page - Texas Instruments

Part # SLAS616
Description  MIXED SIGNAL MICROCONTROLLER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS616 Datasheet(HTML) 18 Page - Texas Instruments

Back Button SLAS616 Datasheet HTML 14Page - Texas Instruments SLAS616 Datasheet HTML 15Page - Texas Instruments SLAS616 Datasheet HTML 16Page - Texas Instruments SLAS616 Datasheet HTML 17Page - Texas Instruments SLAS616 Datasheet HTML 18Page - Texas Instruments SLAS616 Datasheet HTML 19Page - Texas Instruments SLAS616 Datasheet HTML 20Page - Texas Instruments SLAS616 Datasheet HTML 21Page - Texas Instruments SLAS616 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
MSP430FE42x2
MIXED SIGNAL MICROCONTROLLER
SLAS616 − JULY 2008
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted)
supply current into AVCC + DVCC excluding external current (see Note 1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(AM)
Active mode,
f(MCLK) = f(SMCLK) = f(DCO) = 1 MHz,
f(ACLK) = 32,768 Hz, XTS_FLL = 0
(program executes in flash)
TA = −40°C to 85°C
VCC = 3 V
400
500
µA
I(LPM0)
Low-power mode, (LPM0/LPM1)
f(MCLK) = f(SMCLK) = f(DCO) = 1 MHz,
f(ACLK) = 32,768 Hz, XTS_FLL = 0
FN_8 = FN_4 = FN_3 = FN_2 = 0 (see Note 2)
TA = −40°C to 85°C
VCC = 3 V
130
150
µA
I(LPM2)
Low-power mode, (LPM2) (see Note 2)
TA = −40°C to 85°C
VCC = 3 V
10
22
µA
TA = −40°C
1.5
2.0
I
Low power mode (LPM3) (see Note 2)
TA = 25°C
V
3V
1.6
2.1
A
I(LPM3)
Low-power mode, (LPM3) (see Note 2)
TA = 60°C
VCC = 3 V
1.7
2.2
µA
TA = 85°C
2.0
3.5
TA = −40°C
0.1
0.5
I(LPM4)
Low-power mode, (LPM4) (see Note 2)
TA = 25°C
VCC = 3 V
0.1
0.5
µA
I(LPM4)
Low power mode, (LPM4) (see Note 2)
TA = 85°C
VCC
3 V
0.8
2.5
µA
NOTES:
1. All inputs are tied to 0 V or VCC. Outputs do not source or sink any current.
The current consumption in LPM2, LPM3, and LPM4 are measured with active Basic Timer1 and LCD (ACLK selected).
The current consumption of the ESP430CE1B and the SVS module are specified in their respective sections.
LPMx currents measured with WDT+ disabled.
The currents are characterized with a KDS Daishinku DT−38 (6 pF) crystal.
2. Current for brownout included.
current consumption of active mode versus system frequency
I(AM) = I(AM) [1 MHz] × f(System) [MHz]
current consumption of active mode versus supply voltage
I(AM) = I(AM) [3 V] + 170 µA/V × (VCC – 3 V)
f (MHz)
1.8 V
3.6 V
2.7 V
3 V
4.15 MHz
8.4 MHz
VCC − Supply Voltage − V
Supply voltage range with
ESP430 or SD16 enabled and during
programming of the flash memory
Supply voltage range
during program
execution
6 MHz
Figure 1. Frequency vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com