Electronic Components Datasheet Search
  English  ▼

X  

SLAS616 Datasheet(PDF) 30 Page - Texas Instruments

Part # SLAS616
Description  MIXED SIGNAL MICROCONTROLLER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS616 Datasheet(HTML) 30 Page - Texas Instruments

Back Button SLAS616 Datasheet HTML 26Page - Texas Instruments SLAS616 Datasheet HTML 27Page - Texas Instruments SLAS616 Datasheet HTML 28Page - Texas Instruments SLAS616 Datasheet HTML 29Page - Texas Instruments SLAS616 Datasheet HTML 30Page - Texas Instruments SLAS616 Datasheet HTML 31Page - Texas Instruments SLAS616 Datasheet HTML 32Page - Texas Instruments SLAS616 Datasheet HTML 33Page - Texas Instruments SLAS616 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
MSP430FE42x2
MIXED SIGNAL MICROCONTROLLER
SLAS616 − JULY 2008
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
ESP430CE1B, SD16 performance (fSD16 = 1MHz, SD16OSRx = 256, SD16REFON = 1)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
SD16GAINx = 1,Signal Amplitude = 500mV
3 V
83.5
85
SD16GAINx = 2,Signal Amplitude = 250mV
3 V
81.5
84
SINAD
Signal-to-noise +
SD16GAINx = 4,Signal Amplitude = 125mV
fIN = 50 Hz,
3 V
76
79.5
dB
SINAD
Signal to noise +
distortion ratio
SD16GAINx = 8,Signal Amplitude = 62mV
fIN = 50 Hz,
100 Hz
3 V
73
76.5
dB
SD16GAINx = 16,Signal Amplitude = 31mV
3 V
69
73
SD16GAINx = 32,Signal Amplitude = 15mV
3 V
62
69
SD16GAINx = 1
3 V
0.97
1.00
1.02
SD16GAINx = 2
3 V
1.90
1.96
2.02
G
SD16GAINx = 4
3 V
3.76
3.86
3.96
G
Nominal gain
SD16GAINx = 8
3 V
7.36
7.62
7.84
SD16GAINx = 16
3 V
14.56
15.04
15.52
SD16GAINx = 32
3 V
27.20
28.35
29.76
E
Offset error
SD16GAINx = 1
3 V
±0.2
%FSR
EOS
Offset error
SD16GAINx = 32
3 V
±1.5
%FSR
dE
/dT
Offset error
temperature
SD16GAINx = 1
3 V
±4
±20
ppm
dEOS/dT
temperature
coefficient
SD16GAINx = 32
3 V
±20
±100
ppm
FSR/
_C
CMRR
Common-mode
SD16GAINx = 1, Common-mode input signal:
VID = 500 mV, fIN = 50 Hz, 100 Hz
3 V
>90
dB
CMRR
Common mode
rejection ratio
SD16GAINx = 32, Common-mode input signal:
VID = 16 mV, fIN = 50 Hz, 100 Hz
3 V
>75
dB
AC PSRR
AC power supply
rejection ratio
SD16GAINx = 1, VCC = 3 V ± 100 mV, fVCC = 50 Hz
3 V
>80
dB
XT
Crosstalk
3 V
<−100
dB
ESP430CE1B, SD16 temperature sensor
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
TCSensor
Sensor temperature
coefficient
1.18
1.32
1.46
mV/K
VOffset,sensor
Sensor offset
voltage
−100
100
mV
St
t
Temperature sensor voltage at TA = 85°C
3 V
435
475
515
VSensor
Sensor output
voltage (see Note 2)
Temperature sensor voltage at TA = 25°C
3 V
355
395
435
mV
VSensor
voltage (see Note 2)
Temperature sensor voltage at TA = 0°C
3 V
320
360
400
mV
NOTES:
1. The following formula can be used to calculate the temperature sensor output voltage:
VSensor,typ = TCSensor ( 273 + T [°C] ) + VOffset,sensor [mV]
2. Results based on characterization and/or production test, no TCSensor or VOffset,sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com