Electronic Components Datasheet Search
  English  ▼

X  

SLAS616 Datasheet(PDF) 19 Page - Texas Instruments

Part # SLAS616
Description  MIXED SIGNAL MICROCONTROLLER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS616 Datasheet(HTML) 19 Page - Texas Instruments

Back Button SLAS616 Datasheet HTML 15Page - Texas Instruments SLAS616 Datasheet HTML 16Page - Texas Instruments SLAS616 Datasheet HTML 17Page - Texas Instruments SLAS616 Datasheet HTML 18Page - Texas Instruments SLAS616 Datasheet HTML 19Page - Texas Instruments SLAS616 Datasheet HTML 20Page - Texas Instruments SLAS616 Datasheet HTML 21Page - Texas Instruments SLAS616 Datasheet HTML 22Page - Texas Instruments SLAS616 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
MSP430FE42x2
MIXED SIGNAL MICROCONTROLLER
SLAS616 − JULY 2008
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
Schmitt-trigger inputs − Ports P1 and P2, RST/NMI, JTAG: TCK, TMS, TDI/TCLK, TDO/TDI
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VIT+
Positive-going input threshold voltage
VCC = 3 V
1.5
1.98
V
VIT−
Negative-going input threshold voltage
VCC = 3 V
0.9
1.3
V
Vhys
Input voltage hysteresis (VIT+ − VIT−)
VCC = 3 V
0.45
1
V
inputs − Px.x, TAx
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
t
External interrupt timing
Port P1, P2: P1.x to P2.x, External trigger signal
3 V
1.5
cycle
t(int)
External interrupt timing
Port P1, P2: P1.x to P2.x, External trigger signal
for the interrupt flag (see Note 1)
3 V
50
ns
t(cap)
Timer_A, capture timing
TAx
3 V
50
ns
f(TAext)
Timer_A clock frequency externally
applied to pin
TACLK, INCLK t(H) = t(L)
3 V
10
MHz
f(TAint)
Timer_A clock frequency
SMCLK or ACLK signal selected
3 V
10
MHz
NOTES:
1. The external signal sets the interrupt flag every time the minimum t(int) cycle and time parameters are met. It may be set even with
trigger signals shorter than t(int). Both the cycle and timing specifications must be met to ensure the flag is set. t(int) is measured in
MCLK cycles.
leakage current (see Note 1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Ilkg(P1.x)
Leakage current
Port P1
Port 1: V(P1.x) (see Note 2)
VCC = 3 V
±50
nA
Ilkg(P2.x)
Leakage current
Port P2
Port 2: V(P2.x) (see Note 2)
VCC = 3 V
±50
nA
NOTES:
1. The leakage current is measured with VSS or VCC applied to the corresponding pin(s), unless otherwise noted.
2. The port pin must be selected as an input.
outputs − Ports P1 and P2
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
V
High level output voltage
IOH(max) = −1.5 mA,
VCC = 3 V,
See Note 1
VCC−0.25
VCC
V
VOH
High-level output voltage
IOH(max) = −6 mA,
VCC = 3 V,
See Note 2
VCC−0.6
VCC
V
V
Low level output voltage
IOL(max) = 1.5 mA,
VCC = 3 V,
See Note 1
VSS
VSS+0.25
V
VOL
Low-level output voltage
IOL(max) = 6 mA,
VCC = 3 V,
See Note 2
VSS
VSS+0.6
V
NOTES:
1. The maximum total current, IOH(max) and IOL(max), for all outputs combined, should not exceed ±12 mA to satisfy the
maximum specified voltage drop.
2. The maximum total current, IOH(max) and IOL(max), for all outputs combined, should not exceed ±48 mA to satisfy the
maximum specified voltage drop.
output frequency
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fPx.y
(1
≤ x ≤ 2, 0 ≤ y ≤ 7)
CL = 20 pF,
IL = ± 1.5mA
VCC = 3 V
dc
12
MHz
fACLK,
fMCLK,
fSMCLK
P1.1/TA0/MCLK,
P1.5/TACLK/ACLK/S28
CL = 20 pF
VCC = 3 V
12
MHz
P1.5/TACLK/ACLK/S28,
fACLK = fLFXT1 = fXT1
40%
60%
P1.5/TACLK/ACLK/S28,
CL = 20 pF
fACLK = fLFXT1 = fLF
30%
70%
tXdc
Duty cycle of output frequency
CL
20 pF
VCC = 3 V
fACLK = fLFXT1
50%
tXdc
Duty cycle of output frequency
P1.1/TA0/MCLK,
CL = 20 pF,
VCC = 3 V
fMCLK = fDCOCLK
50% −
15 ns
50%
50% +
15 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com