Electronic Components Datasheet Search
  English  ▼

X  

SLAS616 Datasheet(PDF) 29 Page - Texas Instruments

Part # SLAS616
Description  MIXED SIGNAL MICROCONTROLLER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS616 Datasheet(HTML) 29 Page - Texas Instruments

Back Button SLAS616 Datasheet HTML 25Page - Texas Instruments SLAS616 Datasheet HTML 26Page - Texas Instruments SLAS616 Datasheet HTML 27Page - Texas Instruments SLAS616 Datasheet HTML 28Page - Texas Instruments SLAS616 Datasheet HTML 29Page - Texas Instruments SLAS616 Datasheet HTML 30Page - Texas Instruments SLAS616 Datasheet HTML 31Page - Texas Instruments SLAS616 Datasheet HTML 32Page - Texas Instruments SLAS616 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
MSP430FE42x2
MIXED SIGNAL MICROCONTROLLER
SLAS616 − JULY 2008
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
ESP430CE1B, SD16 and ESP430 power supply and recommended operating conditions
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
AVCC
Analog supply
voltage
AVCC = DVCC
AVSS = DVSS = 0V
2.7
3.6
V
SD16LP = 0,
GAIN(V): 1, GAIN(I1): 1, I2: off
3 V
2.0
2.6
SD16LP
0,
fMCLK = 4MHz,
f
f
/4
GAIN(V): 1, GAIN(I1): 32, I2: off
3 V
2.4
3.3
Total digital and
analog supply
fSD16 = fMCLK/4,
SD16REFON = 1,
GAIN(V): 1, GAIN(I1): 1, GAIN(I2): 1
3 V
2.7
3.6
I
analog supply
current when
SD16REFON = 1,
SD16VMIDON = 0
GAIN(V): 1, GAIN(I1): 32, GAIN(I2): 32
3 V
3.4
4.9
mA
IESP430
current when
ESP430 and SD16
i
SD16LP = 1,
GAIN(V): 1, GAIN(I1): 1, I2: off
3 V
1.5
2.1
mA
active
(IAVCC +IDVCC)
SD16LP
1,
fMCLK = 2 MHz,
f
f
/4
GAIN(V): 1, GAIN(I1): 32, I2: off
3 V
1.6
2.1
(IAVCC + IDVCC)
fSD16 = fMCLK/4,
SD16REFON = 1,
GAIN(V): 1, GAIN(I1): 1, GAIN(I2): 1
3 V
2.1
2.8
SD16REFON = 1,
SD16VMIDON = 0
GAIN(V): 1, GAIN(I1): 32, GAIN(I2): 32
3 V
2.2
3.0
Analog supply
SD16LP = 0,
GAIN: 1, 2
3 V
650
950
Analog supply
current: one active
SD16LP = 0,
fSD16 = 1 MHz,
GAIN: 4, 8, 16
3 V
730
1100
ISD16
current: one active
SD16 channel
fSD16
1 MHz,
SD16OSR = 256
GAIN: 32
3 V
1050
1550
µA
ISD16
including internal
reference (ESP430
SD16LP = 1,
f
0 5 MHz
GAIN: 1
3 V
620
930
µA
reference (ESP430
disabled)
fSD16 = 0.5 MHz,
SD16OSR = 256
GAIN: 32
3 V
700
1060
fMAINS
Mains frequency
range
33
80
Hz
f
Analog front-end
input clock
SD16LP = 0 (low-power mode disabled)
3 V
1
MHz
fSD16
input clock
frequency
SD16LP = 1 (low-power mode enabled)
3 V
0.5
MHz
ESP430CE1B, SD16 input range (see Note 1)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
SD16GAINx = 1, SD16REFON = 1
±500
Differential input
SD16GAINx = 2, SD16REFON = 1
±250
V
Differential input
voltage range for
specified
SD16GAINx = 4, SD16REFON = 1
±125
mV
VID
specified
performance
SD16GAINx = 8, SD16REFON = 1
±62
mV
performance
(see Note 2)
SD16GAINx = 16, SD16REFON = 1
±31
(see Note 2)
SD16GAINx = 32, SD16REFON = 1
±15
Z
Input impedance
(one input pin to
fSD16 = 1MHz, SD16GAINx = 1
3 V
200
k
Ω
ZI
(one input pin to
AVSS)
fSD16 = 1MHz, SD16GAINx = 32
3 V
75
k
Ω
Z
Differential input
impedance
fSD16 = 1MHz, SD16GAINx = 1
3 V
300
400
k
Ω
ZID
impedance
(IN+ to IN−)
fSD16 = 1MHz, SD16GAINx = 32
3 V
100
150
k
Ω
VI
Absolute input
voltage range
AVSS−
1 V
AVCC
V
VIC
Common-mode
input voltage range
AVSS−
1 V
AVCC
V
NOTES:
1. All parameters pertain to each SD16 channel.
2. The analog input range depends on the reference voltage applied to VREF. If VREF is sourced externally, the full-scale range is defined
by VFSR+ = +(VREF/2)/GAIN and VFSR− = −(VREF/2)/GAIN. The analog input range should not exceed 80% of VFSR+ or VFSR−.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com