Electronic Components Datasheet Search
  English  ▼

X  

ONET1130EC Datasheet(PDF) 28 Page - Texas Instruments

Part # ONET1130EC
Description  ONET1130EC 11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ONET1130EC Datasheet(HTML) 28 Page - Texas Instruments

Back Button ONET1130EC Datasheet HTML 24Page - Texas Instruments ONET1130EC Datasheet HTML 25Page - Texas Instruments ONET1130EC Datasheet HTML 26Page - Texas Instruments ONET1130EC Datasheet HTML 27Page - Texas Instruments ONET1130EC Datasheet HTML 28Page - Texas Instruments ONET1130EC Datasheet HTML 29Page - Texas Instruments ONET1130EC Datasheet HTML 30Page - Texas Instruments ONET1130EC Datasheet HTML 31Page - Texas Instruments ONET1130EC Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
TX_DIS
TXIN+
TXIN-
SCK
SDA
LOS
Offset
Cancellation
with
Threshold
Adjust
RX_LOS
RXIN+
RXIN-
RXOUT+
RXOUT-
Threshold
Limiting
Amplifier
Referenceless
CDR and
Retimer
100
Referenceless
CDR and
Retimer
Band-Gap, Analog
References, Power
Supply Monitor &
Temperature Sensor
Analog to
Digital
Conversion
TS
PSM
2-Wire Interface
& Control Logic
Optical
Loopback
RX_LOL
CDR_CTRL
TX_LOL
CDR_CTRL
Electrical
Loopback
EQ
TX_LF
RX_LF
LOL
Power-On
Reset
EEPROM
VDD
RX_DIS
VCC_RX
100
EQ
45
45
TXOUT+
TXOUT-
BIAS
PD
Modulator
Driver
TX_FLT
Modulation
and Bias
Current
Generator &
APC
MONB
MONP
FLT
PD
BIAS
MONB
MONP
MONB
MONP
COMP
COMP
AMP
AMP
VCC_TX
60
60
ONET1130EC
SLLSEJ3A – JUNE 2015 – REVISED JULY 2015
www.ti.com
Feature Description (continued)
Figure 39. Optical Loopback
28
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ONET1130EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com