Electronic Components Datasheet Search
  English  ▼

X  

ONET1130EC Datasheet(PDF) 52 Page - Texas Instruments

Part # ONET1130EC
Description  ONET1130EC 11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ONET1130EC Datasheet(HTML) 52 Page - Texas Instruments

Back Button ONET1130EC Datasheet HTML 48Page - Texas Instruments ONET1130EC Datasheet HTML 49Page - Texas Instruments ONET1130EC Datasheet HTML 50Page - Texas Instruments ONET1130EC Datasheet HTML 51Page - Texas Instruments ONET1130EC Datasheet HTML 52Page - Texas Instruments ONET1130EC Datasheet HTML 53Page - Texas Instruments ONET1130EC Datasheet HTML 54Page - Texas Instruments ONET1130EC Datasheet HTML 55Page - Texas Instruments ONET1130EC Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
TXIN+
TXIN-
GND
RXIN+
SDA
RX_LOS
RXIN-
GND
SCK
GND
LOL
GND
PD
ONET1130EC
TXIN+
TXIN-
0.1F
0.1F
LOL
TX_DIS
0.1F
Laser
VCC_TX
0.1F
0.1F
Modulator Anode
EA BIAS
50
PD
EML TOSA
0.1F
RXIN+
RXIN-
0.1F
SDA
SCK
0.1F
VCC_RX
RXOUT-
RXOUT+
0.1F
0.1F
MONP
0.1F
0.1F
PD
2.2nF
2.2nF
MONB
MONP
COMP
MONB
TX_FLT
VDD
LOS
4.7kto
10k
0.01F
0.1F
PD
VCC_R
-3V
4.7k to
10k
4.7k to
10k
VCC_T
4.7k
to10k
VCC
VCC
4.7k
to10k
4.7k
to10k
ONET1130EC
SLLSEJ3A – JUNE 2015 – REVISED JULY 2015
www.ti.com
Figure 71. Typical Application Circuit in Single-Ended Mode with an EML and the PD Monitor Anode
Available
52
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ONET1130EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com